Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 12Page - Renesas Technology Corp RX113 Datasheet HTML 13Page - Renesas Technology Corp RX113 Datasheet HTML 14Page - Renesas Technology Corp RX113 Datasheet HTML 15Page - Renesas Technology Corp RX113 Datasheet HTML 16Page - Renesas Technology Corp RX113 Datasheet HTML 17Page - Renesas Technology Corp RX113 Datasheet HTML 18Page - Renesas Technology Corp RX113 Datasheet HTML 19Page - Renesas Technology Corp RX113 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 16 of 131
Sep 07, 2020
RX113 Group
1. Overview
Table 1.5
List of Pins and Pin Functions (100-Pin LFQFP) (1/3)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers
(MTU, POE, RTC, TMR)
Communication
(SCIe, SCIf, RSPI, RIIC, USB, SSI)
LCD,
Touch
Others
1
P04
MTIOC0A/POE2#/TMCI3
SCK6
TS1
2PJ0
DA0
3
P02
MTIOC0D/POE3#/TMRI3
RXD6/SMISO6/SSCL6
TS2
4
PJ3
MTIOC3C
CTS6#/RTS6#/SS6#
TS3
5
P25
MTIOC4C/MTCLKB
TS4
ADTRG0#
6
P24
MTIOC4A/MTCLKA/
TMRI1
TS5
7
P23
MTIOC3D/MTCLKD
CTS0#/RTS0#/SS0#
TS6
8
P22
MTIOC3B/MTCLKC/
TMO0
SCK0
TS7
9
P21
MTIOC1B/TMCI0
RXD0/SMISO0/SSCL0
TS8
10
P20
MTIOC1A/TMRI0
TXD0/SMOSI0/SSDA0
TS9
11
P27
MTIOC2B/TMCI3
SCK12/SCK1/RXD6/SMISO6/
SSCL6
TS10
IRQ3/ADTRG0#/
CACREF/
CMPA2
12
P26
MTIOC2A/TMO1
TXD1/SMOSI1/SSDA1/
USB0_VBUSEN/TXD6/SMOSI6/
SSDA6
TSCAP
13
P30
MTIOC4B/POE8#/TMRI3
RXD1/SMISO1/SSCL1
CAPH
IRQ0
14
P31
MTIOC4D/TMCI2
CTS1#/RTS1#/SS1#
CAPL
IRQ1
15
MD
FINED
16
RES#
17
XCOUT
18
XCIN
19
UPSEL
P35
NMI
20
XTAL
21
EXTAL
22
VCL
23
VSS
24
VCC
25
P32
MTIOC0C/RTCOUT/
TMO3
TXD6/SMOSI6/SSDA6/CTS6#/
RTS6#/SS6#
TS11
IRQ2
26
P17
MTIOC0C/MTIOC3A/
MTIOC3B/POE8#/TMO1
SCK1/MISOA/SDA0/RXD12/
RXDX12/SMISO12/SSCL12
IRQ7
27
P16
MTIOC3C/MTIOC3D/
RTCOUT/TMO2
TXD1/SMOSI1/SSDA1/MOSIA/
SCL0/USB0_VBUS/
USB0_VBUSEN/USB0_OVRCURB
IRQ6/ADTRG0#
28
P15
MTIOC0B/MTCLKB/
TMCI2
RXD1/SMISO1/SSCL1/RSPCKA
IRQ5/CLKOUT/
CACREF
29
UB#
P14
MTIOC0A/MTIOC3A/
MTCLKA/TMRI2
CTS1#/RTS1#/SS1#/SSLA0/
TXD12/TXDX12/SIOX12/SMOSI12/
SSDA12/USB0_OVRCURA
IRQ4
30
VCC_USB
31
USB0_DM
32
USB0_DP
33
VSS_USB
34
P13
MTIOC0B/TMO3
CTS12#/RTS12#/SS12#/CTS0#/
RTS0#/SS0#
SEG00
IRQ3
35
P12
TMCI1
SCK12/SCK0
SEG01
IRQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com