Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RX113 Datasheet HTML 1Page - Renesas Technology Corp RX113 Datasheet HTML 2Page - Renesas Technology Corp RX113 Datasheet HTML 3Page - Renesas Technology Corp RX113 Datasheet HTML 4Page - Renesas Technology Corp RX113 Datasheet HTML 5Page - Renesas Technology Corp RX113 Datasheet HTML 6Page - Renesas Technology Corp RX113 Datasheet HTML 7Page - Renesas Technology Corp RX113 Datasheet HTML 8Page - Renesas Technology Corp RX113 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 4 of 131
Sep 07, 2020
RX113 Group
1. Overview
Communication
functions
Serial peripheral interface
(RSPI)
• 1 channel
• Transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select), and RSPI
clock (RSPCK) signals enables serial transfer through SPI operation (four lines) or clock-
synchronous operation (three lines)
• Capable of handling serial transfer as a master or slave
• Data formats
• Choice of LSB-first or MSB-first transfer
The number of bits in each transfer can be changed to 8, 9, 10, 11, 12, 13, 14, 15, 16, 20, 24, or
32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with each frame
having up to 32 bits)
• Double buffers for both transmission and reception
USB 2.0 host/function
module (USBc)
• USB Device Controller (UDC) and transceiver for USB 2.0 are incorporated.
• Host/function module: 1 port
• Compliant with USB version 2.0
• Transfer speed: Full-speed (12 Mbps), low-speed (1.5 Mbps)
• OTG (ON-The-Go) is supported.
• Isochronous transfer is supported.
• BC (Battery Charger) is supported.
Serial Sound Interface (SSI)
• 1 channel
• Capable of duplex communications
• Various serial audio formats supported
• Master/slave function supported
• Programmable word clock or bit clock generation function
• 8/16/18/20/22/24/32-bit data formats supported
• On-chip 8-stage FIFO for transmission/reception
• Supports WS continue mode in which the SSIWS signal is not stopped.
LCD controller/driver (LCDC)
• Internal voltage boosting method, capacitor split method, and external resistance division method are
switchable.
• Segment signal output × common signal output: 40 × 4, 36 × 8
12-bit A/D converter (S12ADb)
• 1 unit (1 unit × 17 channels)
• 12-bit resolution
• Minimum conversion time: 1.0 µs per channel when the ADCLK is operating at 32 MHz
• Operating modes
Scan mode (single scan mode, continuous scan mode, and group scan mode)
• Double trigger mode (duplication of A/D conversion data)
• A/D conversion start conditions
A software trigger, a trigger from a timer (MTU), an external trigger signal, or ELC
Temperature sensor (TEMPSA)
• 1 channel
• The voltage of the temperature is converted into a digital value by the 12-bit A/D converter.
12-bit D/A converter (R12DAA)
• 2 channels
• 12-bit resolution
• Output voltage: 0.35 to AVCC – 0.47 V
CRC calculator (CRC)
• CRC code generation for arbitrary amounts of data in 8-bit units
• Select any of three generating polynomials:
X8 + X2 + X + 1, X16 + X15 + X2 + 1, or X16 + X12 + X5 + 1
• Generation of CRC codes for use with LSB-first or MSB-first communications is selectable.
Comparator B (CMPBa)
• 2 channels
• Function to compare the reference voltage and the analog input voltage
• Window comparator operation or standard comparator operation is selectable
Capacitive touch sensing unit (CTSU)
Detection pin: 12 channels (for 100 pins only)
Data operation circuit (DOC)
Comparison, addition, and subtraction of 16-bit data
Unique ID
32-byte ID code for the MCU
Power supply voltages/Operating frequencies
VCC = 1.8 to 2.4 V: 8 MHz, VCC = 2.4 to 2.7 V: 16 MHz, VCC = 2.7 to 3.6 V: 32 MHz
Supply current
3.6 mA at 32 MHz (typ.)
Operating temperature range
D version:
−40 to +85°C, G version: −40 to +105°C
Packages
100-pin LFQFP (PLQP0100KB-A) 14 × 14 mm, 0.50 mm pitch
100-pin TFLGA (PTLG0100JA-A) 7 × 7 mm, 0.65 mm pitch
64-pin LFQFP (PLQP0064KB-A) 10 × 10 mm, 0.50 mm pitch
On-chip debugging system
E1 emulator (FINE interface)
Table 1.1
Outline of Specifications (3/3)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com