Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 8Page - Renesas Technology Corp RX113 Datasheet HTML 9Page - Renesas Technology Corp RX113 Datasheet HTML 10Page - Renesas Technology Corp RX113 Datasheet HTML 11Page - Renesas Technology Corp RX113 Datasheet HTML 12Page - Renesas Technology Corp RX113 Datasheet HTML 13Page - Renesas Technology Corp RX113 Datasheet HTML 14Page - Renesas Technology Corp RX113 Datasheet HTML 15Page - Renesas Technology Corp RX113 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 12 of 131
Sep 07, 2020
RX113 Group
1. Overview
Note 1. For external clock input.
Comparator B
CMPB0
Input
Input pin for the analog signal to be processed by comparator B0.
CVREFB0
Input
Analog reference voltage supply pin for comparator B0.
CMPB1
Input
Input pin for the analog signal to be processed by comparator B1.
CVREFB1
Input
Analog reference voltage supply pin for comparator B1.
CMPOB0
Output
Output pin for comparator B0.
CMPOB1
Output
Output pin for comparator B1.
LCD
VL1, VL2, VL3, VL4
I/O
Voltage pin for driving the LCD.
CAPH, CAPL
I/O
Capacitor connection pin for the LCD controller/driver.
COM0 to COM7
Output
Common signal output pins for the LCD controller/driver.
SEG00 to SEG39
Output
Segment signal output pins for the LCD controller/driver.
CTSU
TS0 to TS11
Input
Capacitive touch detection pins (touch pins).
TSCAP
I/O
Secondary power supply pin for the touch driver.
I/O ports
P02, P04, P07
I/O
3-bit input/output pins.
P10 to P17
I/O
8-bit input/output pins.
P20 to P27
I/O
8-bit input/output pins.
P30 to P32, P35
I/O
4-bit input/output pins (P35 input pin).
P40 to P44, P46
I/O
6-bit input/output pins.
P50 to P56
I/O
7-bit input/output pins.
P90 to P92
I/O
3-bit input/output pins.
PA0 to PA7
I/O
8-bit input/output pins.
PB0 to PB7
I/O
8-bit input/output pins.
PC0 to PC7
I/O
8-bit input/output pins.
PD0 to PD4
I/O
5-bit input/output pins.
PE0 to PE7
I/O
8-bit input/output pins.
PF6, PF7
I/O
2-bit input/output pins.
PJ0, PJ2, PJ3, PJ6, PJ7
I/O
5-bit input/output pins.
Table 1.4
Pin Functions (4/4)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com