Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RX113 Datasheet HTML 1Page - Renesas Technology Corp RX113 Datasheet HTML 2Page - Renesas Technology Corp RX113 Datasheet HTML 3Page - Renesas Technology Corp RX113 Datasheet HTML 4Page - Renesas Technology Corp RX113 Datasheet HTML 5Page - Renesas Technology Corp RX113 Datasheet HTML 6Page - Renesas Technology Corp RX113 Datasheet HTML 7Page - Renesas Technology Corp RX113 Datasheet HTML 8Page - Renesas Technology Corp RX113 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 5 of 131
Sep 07, 2020
RX113 Group
1. Overview
Table 1.2
Comparison of Functions for Different Packages
Module/Functions
RX113 Group
100 Pins
64 Pins
Interrupts
External interrupts
NMI, IRQ0 to IRQ7
DMA
Data transfer controller
Supported
Timers
Multi-function timer pulse unit 2
6 channels (MTU0 to MTU5)
Port output enable 2
Supported
Compare match timer
2 channels × 2 units
Realtime clock
Supported
Low power timer
1 channel
8-bit timer
2 channels × 2 units
Independent watchdog timer
Supported
Communication
functions
Serial communications interfaces (SCIe)
[simple I2C, simple SPI]
7 channels
(SCI0, 1, 2, 5, 6, 8, 9)
5 channels
(SCI1, 5, 6, 8, 9)
IrDA interface
1 channel (SCI5)
Serial communications interface (SCIf)
[simple I2C, simple SPI]
1 channel (SCI12)
I2C bus interface
1 channel
Serial peripheral interface
1 channel
USB 2.0 host/function module (USBc)
1 channel
Serial sound interface
1 channel
12-bit A/D converter
(including high-precision channels)
17 channels
(9 channels)
11 channels
(3 channels)
Temperature sensor
Supported
Comparator B
2 channels
12-bit D/A converter
2 channels
CRC calculator
Supported
Event link controller
Supported
Capacitive touch sensing unit
12 channels
Not supported
LCD
40 SEG × 4 COM
36 SEG × 8 COM
20 SEG × 4 COM
16 SEG × 8 COM
Packages
100-pin LFQFP
100-pin TFLGA
64-pin LFQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com