Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 2Page - Renesas Technology Corp RX113 Datasheet HTML 3Page - Renesas Technology Corp RX113 Datasheet HTML 4Page - Renesas Technology Corp RX113 Datasheet HTML 5Page - Renesas Technology Corp RX113 Datasheet HTML 6Page - Renesas Technology Corp RX113 Datasheet HTML 7Page - Renesas Technology Corp RX113 Datasheet HTML 8Page - Renesas Technology Corp RX113 Datasheet HTML 9Page - Renesas Technology Corp RX113 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 6 of 131
Sep 07, 2020
RX113 Group
1. Overview
1.2
List of Products
Table 1.3 is a list of products, and Figure 1.1 shows how to read the product part no., memory capacity, and package
type.
Table 1.3
List of Products
Group
Part No.
Orderable Part No.
Package
ROM
Capacity
RAM
Capacity
E2
DataFlash
Maximum
Operating
Frequency
Operating
Temperature
RX113
R5F51138ADFP
R5F51138ADFP#3A
PLQP0100KB-A
512 Kbytes
64 Kbytes
8 Kbytes
32 MHz
−40 to +85°C
R5F51138ADFM
R5F51138ADFM#3A
PLQP0064KB-A
R5F51138ADLJ
R5F51138ADLJ#2A
PTLG0100JA-A
R5F51137ADFP
R5F51137ADFP#3A
PLQP0100KB-A
384 Kbytes
R5F51137ADFM
R5F51137ADFM#3A
PLQP0064KB-A
R5F51137ADLJ
R5F51137ADLJ#2A
PTLG0100JA-A
R5F51136ADFP
R5F51136ADFP#3A
PLQP0100KB-A
256 Kbytes
32 Kbytes
R5F51136ADFM
R5F51136ADFM#3A
PLQP0064KB-A
R5F51136ADLJ
R5F51136ADLJ#2A
PTLG0100JA-A
R5F51135ADFP
R5F51135ADFP#3A
PLQP0100KB-A
128 Kbytes
R5F51135ADFM
R5F51135ADFM#3A
PLQP0064KB-A
R5F51135ADLJ
R5F51135ADLJ#2A
PTLG0100JA-A
R5F51138AGFP
R5F51138AGFP#3A
PLQP0100KB-A
512 Kbytes
64 Kbytes
−40 to
+105°C
R5F51138AGFM
R5F51138AGFM#3A
PLQP0064KB-A
R5F51137AGFP
R5F51137AGFP#3A
PLQP0100KB-A
384 Kbytes
R5F51137AGFM
R5F51137AGFM#3A
PLQP0064KB-A
R5F51136AGFP
R5F51136AGFP#3A
PLQP0100KB-A
256 Kbytes
32 Kbytes
R5F51136AGFM
R5F51136AGFM#3A
PLQP0064KB-A
R5F51135AGFP
R5F51135AGFP#3A
PLQP0100KB-A
128 Kbytes
R5F51135AGFM
R5F51135AGFM#3A
PLQP0064KB-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com