Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RX113 Datasheet HTML 1Page - Renesas Technology Corp RX113 Datasheet HTML 2Page - Renesas Technology Corp RX113 Datasheet HTML 3Page - Renesas Technology Corp RX113 Datasheet HTML 4Page - Renesas Technology Corp RX113 Datasheet HTML 5Page - Renesas Technology Corp RX113 Datasheet HTML 6Page - Renesas Technology Corp RX113 Datasheet HTML 7Page - Renesas Technology Corp RX113 Datasheet HTML 8Page - Renesas Technology Corp RX113 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
Datasheet
R01DS0216EJ0120 Rev.1.20
Page 1 of 131
Sep 07, 2020
RX113 Group
Renesas MCUs
Features
■ 32-bit RX CPU core
• 32 MHz maximum operating frequency
Capable of 50 DMIPS when operating at 32 MHz
• Accumulator handles 64-bit results (for a single instruction) from 32-
bit × 32-bit operations
• Multiplication and division unit handles 32-bit × 32-bit operations
(multiplication instructions take one CPU clock cycle)
• Fast interrupt
• CISC Harvard architecture with five-stage pipeline
• Variable-length instruction format, ultra-compact code
• On-chip debugging circuit
■ Low power consumption functions
• Operation from a single 1.8 to 3.6 V supply
• Three low power consumption modes
• Low power timer (LPT) that operates during the software standby
state
• Supply current
High-speed operating mode: 0.11 mA/MHz
Software standby mode: 0.44 µA
• Recovery time from software standby mode: 4.8 µs
■ On-chip flash memory for code, no wait states
• Operation at 32 MHz, read cycle of 31.25 ns
• No wait states for reading at full CPU speed
• 128 to 512 Kbyte capacities
• Programmable at 1.8 V
• For instructions and operands
■ On-chip data flash memory
• 8 Kbytes
1,000,000 Erase/Write cycles (typ.)
• BGO (Background Operation)
■ On-chip SRAM, no wait states
• 32 and 64 Kbyte capacities
■ Data transfer controller (DTC)
• Four transfer modes
• Transfer can be set for each interrupt source.
■ Event link controller (ELC)
• Module operation can be initiated by event signals without going
through interrupts.
• Link operation between modules is possible while the CPU is
sleeping.
■ Reset and power supply voltage management
• Six types including Power-On Reset (POR)
• Low voltage detection (LVD) with voltage settings
■ Clock functions
• External clock input frequency: Up to 20 MHz
• Main clock oscillator frequency: 1 to 20 MHz
• Sub-clock oscillator frequency: 32.768 kHz
• PLL circuit input: 4 to 8 MHz
• Low-speed on-chip oscillator: 4 MHz
• High-speed on-chip oscillator: 32 MHz ±1% (–20 to 85°C)
• USB-dedicated PLL circuit: 6 and 8 MHz
• IWDT-dedicated on-chip oscillator: 15 kHz
• Generate a dedicated 32.768-kHz clock for the RTC
• On-chip clock frequency accuracy measurement circuit (CAC)
■ Realtime clock (RTC)
• 30-second, leap year, and error adjustment functions
• Calendar count mode or binary count mode selectable
• Capable of initiating exit from software standby mode
■ Independent watchdog timer (IWDT)
• 15-kHz on-chip oscillator produces a dedicated clock signal to drive
IWDT operation.
■ On-chip functions for IEC 60730 compliance
• Clock frequency accuracy measurement circuit, IWDT, functions to
assist in RAM testing, etc.
■ Up to 12 channels for communication
• USB: USB 2.0 host/function/On-The-Go (OTG) (one channel), full-
speed = 12 Mbps, low-speed = 1.5 Mbps, isochronous transfer, and
BC (Battery Charger) supported
• SCI: Asynchronous mode, clock synchronous mode, smart card
interface (up to eight channels)
• IrDA interface (one channel, in cooperation with SCI5)
• I2C bus interface: Transfer at up to 400 kbps, capable of SMBus
operation (one channel)
• RSPI: Up to 16 Mbps (one channel)
• Serial sound interface (SSI) (one channel)
■ Up to 14 extended-function timers
• 16-bit MTU: Input capture/output compare, complementary PWM
output, phase counting mode
(six channels)
• 8-bit TMR (four channels)
• 16-bit CMT (four channels)
■ LCD controller/driver
• Segment signal output × common signal output:
40 × 4, 36 × 8
• On-chip voltage boost circuit, contrast adjustment, and 5-V panel
supported
• Blinking function
■ 12-bit A/D converter
• Up to 17 channels
• 1.0 µs minimum conversion speed
• Double trigger (data duplication) function for motor control
■ 12-bit D/A converter
• Two channels
■ Comparator B
• Two channels
■ Capacitive touch sensing unit (CTSU)
• Detection pins: 12 channels (for 100 pins only)
• High-sensitive electrostatic capacitance detection using
self-capacitance and mutual capacitance methods
• On-chip noise canceller that enables high tolerance to disturbance
noise
• Also supports a mutual capacitance method that allows touch
channels to be increased with low pin counts
■ Temperature sensor
■ General I/O ports
• 5-V tolerant, open drain, input pull-up
■ Multi-function pin controller (MPC)
• Multiple I/O pins can be selected for peripheral functions.
■ Unique ID
• 32-byte ID code for the MCU
■ Operating temperature range
• –40 to +85°C
• –40 to +105°C
PLQP0100KB-A 14 × 14 mm, 0.5 mm pitch
PLQP0064KB-A 10 × 10 mm, 0.5 mm pitch
PTLG0100JA-A
7 × 7 mm, 0.65 mm pitch
32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory,
USB 2.0 full-speed host/function/OTG, up to 12 comms channels, serial sound interface,
LCD controller/driver, capacitive touch sensing unit, 12-bit A/D, 12-bit D/A, RTC
R01DS0216EJ0120
Rev.1.20
Sep 07, 2020


Similar Part No. - RX113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
Renesas MCUs
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
More results

Similar Description - RX113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
logo
Zilog, Inc.
EZ80F917050SBCG ZILOG-EZ80F917050SBCG Datasheet
1Mb / 30P
Factory-default operating clock frequency at 50 MHz
logo
Renesas Technology Corp
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
32 MHz 32-bit RX MCUs, 50 DMIPS
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
logo
Maxim Integrated Produc...
MAX30105 MAXIM-MAX30105 Datasheet
1Mb / 35P
Capable of Operating at High Ambient Levels
Rev 1; 7/16
logo
Renesas Technology Corp
RX72T RENESAS-RX72T Datasheet
1Mb / 176P
Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
RX651 RENESAS-RX651 Datasheet
2Mb / 246P
Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com