Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 13Page - Renesas Technology Corp RX113 Datasheet HTML 14Page - Renesas Technology Corp RX113 Datasheet HTML 15Page - Renesas Technology Corp RX113 Datasheet HTML 16Page - Renesas Technology Corp RX113 Datasheet HTML 17Page - Renesas Technology Corp RX113 Datasheet HTML 18Page - Renesas Technology Corp RX113 Datasheet HTML 19Page - Renesas Technology Corp RX113 Datasheet HTML 20Page - Renesas Technology Corp RX113 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 17 of 131
Sep 07, 2020
RX113 Group
1. Overview
36
P11
MTIC5U/POE0#
RXD12/RXDX12/SMISO12/
SSCL12/RXD0/SMISO0/SSCL0
SEG02
IRQ7
37
P10
MTIC5V/POE1#
TXD12/TXDX12/SIOX12/SMOSI12/
SSDA12/TXD0/SMOSI0/SSDA0
SEG03
IRQ6
38
P56
MTIOC1A/MTIC5W/
POE2#
TXD1/SMOSI1/SSDA1
SEG04
IRQ5
39
P53
MTIOC2B
SSLA0/CTS2#/RTS2#/SS2#
SEG05
40
P52
MISOA/RXD2/SMISO2/SSCL2
SEG06
41
P51
MTIOC4C
RSPCKA/SCK2
SEG07
42
P50
MTIOC2A
MOSIA/TXD2/SMOSI2/SSDA2
SEG08
43
P55
MTIOC4D/TMO3
VL1
44
P54
MTIOC4B/TMCI1
VL2
45
PC7
MTIOC3A/MTCLKB/
TMO2
TXD1/SMOSI1/SSDA1/MISOA/
TXD8/SMOSI8/SSDA8/
USB0_OVRCURB
VL3
CACREF
46
PC6
MTIOC3C/MTCLKA/
TMCI2
RXD1/SMISO1/SSCL1/MOSIA/
RXD8/SMISO8/SSCL8/
USB0_EXICEN
VL4
47
PC5
MTIOC3B/MTCLKD/
TMRI2
SCK1/RSPCKA/SCK8/USB0_ID
COM0
48
PC4
MTIOC3D/MTCLKC/
POE0#/TMCI1
SSLA0/CTS8#/RTS8#/SS8#/SCK5/
USB0_VBUSEN/USB0_VBUS*1
COM1
IRQ2/CLKOUT
49
PC3
MTIOC4D
TXD5/SMOSI5/SSDA5/IRTXD5
COM2
50
PC2
MTIOC4B
RXD5/SMISO5/SSCL5/IRRXD5/
SSLA3
COM3
51
PC1
MTIOC3A
SCK5/SSLA2
SEG09
52
PC0
MTIOC3C
CTS5#/RTS5#/SS5#/SSLA1
SEG10
53
PB7
MTIOC3B
TXD9/SMOSI9/SSDA9/SSITXD0
SEG11/
COM4
54
PB6
MTIOC3D
RXD9/SMISO9/SSCL9/SSIRXD0
SEG12/
COM5
55
PB5
MTIOC1B/MTIOC2A/
POE1#/TMRI1
SCK9/SSISCK0
SEG13/
COM6
56
PB4
CTS9#/RTS9#/SS9#
SEG14
57
PB3
MTIOC0A/MTIOC3B/
MTIOC4A/POE3#/TMO0
SCK6/AUDIO_MCLK/
USB0_OVRCURA
SEG15/
COM7
58
PB2
CTS6#/RTS6#/SS6#
SEG16
59
PB1
MTIOC0C/MTIOC4C/
TMCI0
TXD6/SMOSI6/SSDA6/SSIWS0
SEG17
IRQ4
60
VCC
61
PB0
MTIOC0C/MTIC5W/
RTCOUT
SCL0/RSPCKA/RXD6/SMISO6/
SSCL6
IRQ2/ADTRG0#
62
VSS
63
PA6
MTIC5V/MTCLKB/
MTIOC2A/POE2#/TMCI3
CTS5#/RTS5#/SS5#/SDA0/MOSIA/
RXD8/SMISO8/SSCL8
IRQ3
64
PA7
TXD8/SMOSI8/SSDA8
SEG18
65
PA5
SCK8
SEG19
66
PA4
MTIOC2B/MTIC5U/
MTCLKA/TMRI0
TXD5/SMOSI5/SSDA5/IRTXD5/
SSLA0/CTS8#/RTS8#/SS8#
SEG20
IRQ5/CVREFB1
67
PA3
MTIOC0D/MTIOC1B/
MTCLKD/POE0#
RXD5/SMISO5/SSCL5/IRRXD5/
MISOA
SEG21
IRQ6/CMPB1
Table 1.5
List of Pins and Pin Functions (100-Pin LFQFP) (2/3)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers
(MTU, POE, RTC, TMR)
Communication
(SCIe, SCIf, RSPI, RIIC, USB, SSI)
LCD,
Touch
Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com