Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 18Page - Renesas Technology Corp RX113 Datasheet HTML 19Page - Renesas Technology Corp RX113 Datasheet HTML 20Page - Renesas Technology Corp RX113 Datasheet HTML 21Page - Renesas Technology Corp RX113 Datasheet HTML 22Page - Renesas Technology Corp RX113 Datasheet HTML 23Page - Renesas Technology Corp RX113 Datasheet HTML 24Page - Renesas Technology Corp RX113 Datasheet HTML 25Page - Renesas Technology Corp RX113 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 22 of 131
Sep 07, 2020
RX113 Group
1. Overview
Table 1.7
List of Pins and Pin Functions (64-Pin LFQFP) (1/2)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers
(MTU, POE, RTC, TMR)
Communication
(SCIe, SCIf, RSPI, RIIC, USB, SSI)
LCD,
Touch
Others
1PJ0
DA0
2
P27
MTIOC2B/TMCI3
SCK1/SCK12/RXD6/SMISO6/
SSCL6
IRQ3/CMPA2/
CACREF/
ADTRG0#
3
P26
MTIOC2A/TMO1
TXD1/SMOSI1/SSDA1/
USB0_VBUSEN/TXD6/SMOSI6/
SSDA6
4
P30
MTIOC4B/POE8#/TMRI3
RXD1/SMISO1/SSCL1
CAPH
IRQ0
5
P31
MTIOC4D/TMCI2
CTS1#/RTS1#/SS1#
CAPL
IRQ1
6MD
FINED
7RES#
8XCOUT
9XCIN
10
UPSEL
P35
NMI
11
XTAL
12
EXTAL
13
VCL
14
VSS
15
VCC
16
P32
MTIOC0C/RTCOUT/
TMO3
TXD6/SMOSI6/SSDA6/CTS6#/
RTS6#/SS6#
IRQ2
17
P17
MTIOC0C/MTIOC3A/
MTIOC3B/POE8#/TMO1
SCK1/MISOA/SDA0/RXD12/
RXDX12/SMISO12/SSCL12
IRQ7
18
P16
MTIOC3C/MTIOC3D/
RTCOUT/TMO2
TXD1/SMOSI1/SSDA1/MOSIA/
SCL0/USB0_VBUS/
USB0_VBUSEN/USB0_OVRCURB
IRQ6/ADTRG0#
19
P15
MTIOC0B/MTCLKB/
TMCI2
RXD1/SMISO1/SSCL1/RSPCKA
IRQ5/CLKOUT/
CACREF
20
UB#
P14
MTIOC0A/MTIOC3A/
MTCLKA/TMRI2
CTS1#/RTS1#/SS1#/SSLA0/
TXD12/TXDX12/SIOX12/SMOSI12/
SSDA12/USB0_OVRCURA
IRQ4
21
VCC_USB
22
USB0_DM
23
USB0_DP
24
VSS_USB
25
P55
MTIOC4D/TMO3
VL1
26
P54
MTIOC4B/TMCI1
VL2
27
PC7
MTIOC3A/MTCLKB/
TMO2
TXD1/SMOSI1/SSDA1/MISOA/
TXD8/SMOSI8/SSDA8/
USB0_OVRCURB
VL3
CACREF
28
PC6
MTIOC3C/MTCLKA/
TMCI2
RXD1/SMISO1/SSCL1/MOSIA/
RXD8/SMISO8/SSCL8/
USB0_EXICEN
VL4
29
PC5
MTIOC3B/MTCLKD/
TMRI2
SCK1/RSPCKA/SCK8/USB0_ID
COM0
30
PC4
MTIOC3D/MTCLKC/
POE0#/TMCI1
SSLA0/CTS8#/RTS8#/SS8#/SCK5/
USB0_VBUSEN/USB0_VBUS*1
COM1
IRQ2/CLKOUT
31
PC3
MTIOC4D
TXD5/SMOSI5/SSDA5/IRTXD5
COM2
32
PC2
MTIOC4B
RXD5/SMISO5/SSCL5/SSLA3/
IRRXD5
COM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com