Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 40Page - Renesas Technology Corp RX113 Datasheet HTML 41Page - Renesas Technology Corp RX113 Datasheet HTML 42Page - Renesas Technology Corp RX113 Datasheet HTML 43Page - Renesas Technology Corp RX113 Datasheet HTML 44Page - Renesas Technology Corp RX113 Datasheet HTML 45Page - Renesas Technology Corp RX113 Datasheet HTML 46Page - Renesas Technology Corp RX113 Datasheet HTML 47Page - Renesas Technology Corp RX113 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 44 of 131
Sep 07, 2020
RX113 Group
4. I/O Registers
0008 A124h
SCI9
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A124h
SMCI9
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A125h
SCI9
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A126h
SCI9
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A126h
SMCI9
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A127h
SCI9
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A128h
SCI9
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A129h
SCI9
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A12Ah
SCI9
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A12Bh
SCI9
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A12Ch
SCI9
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A12Dh
SCI9
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A500h
SSI0
Control Register
SSICR
32
32
2 or 3 PCLKB
0008 A504h
SSI0
Status Register
SSISR
32
32
2 or 3 PCLKB
0008 A510h
SSI0
FIFO Control Register
SSIFCR
32
32
2 or 3 PCLKB
0008 A514h
SSI0
FIFO Status Register
SSIFSR
32
32
2 or 3 PCLKB
0008 A518h
SSI0
Transmit FIFO Data Register
SSIFTDR
32
32
2 or 3 PCLKB
0008 A51Ch
SSI0
Receive FIFO Data Register
SSIFRDR
32
32
2 or 3 PCLKB
0008 A520h
SSI0
TDM Mode Register
SSITDMR
32
32
2 or 3 PCLKB
0008 B000h
CAC
CAC Control Register 0
CACR0
8
8
2 or 3 PCLKB
0008 B001h
CAC
CAC Control Register 1
CACR1
8
8
2 or 3 PCLKB
0008 B002h
CAC
CAC Control Register 2
CACR2
8
8
2 or 3 PCLKB
0008 B003h
CAC
CAC Interrupt Request Enable Register
CAICR
8
8
2 or 3 PCLKB
0008 B004h
CAC
CAC Status Register
CASTR
8
8
2 or 3 PCLKB
0008 B006h
CAC
CAC Upper-Limit Value Setting Register
CAULVR
16
16
2 or 3 PCLKB
0008 B008h
CAC
CAC Lower-Limit Value Setting Register
CALLVR
16
16
2 or 3 PCLKB
0008 B00Ah
CAC
CAC Counter Buffer Register
CACNTBR
16
16
2 or 3 PCLKB
0008 B080h
DOC
DOC Control Register
DOCR
8
8
2 or 3 PCLKB
0008 B082h
DOC
DOC Data Input Register
DODIR
16
16
2 or 3 PCLKB
0008 B084h
DOC
DOC Data Setting Register
DODSR
16
16
2 or 3 PCLKB
0008 B100h
ELC
Event Link Control Register
ELCR
8
8
2 or 3 PCLKB
0008 B102h
ELC
Event Link Setting Register 1
ELSR1
8
8
2 or 3 PCLKB
0008 B103h
ELC
Event Link Setting Register 2
ELSR2
8
8
2 or 3 PCLKB
0008 B104h
ELC
Event Link Setting Register 3
ELSR3
8
8
2 or 3 PCLKB
0008 B105h
ELC
Event Link Setting Register 4
ELSR4
8
8
2 or 3 PCLKB
0008 B108h
ELC
Event Link Setting Register 7
ELSR7
8
8
2 or 3 PCLKB
0008 B10Bh
ELC
Event Link Setting Register 10
ELSR10
8
8
2 or 3 PCLKB
0008 B10Dh
ELC
Event Link Setting Register 12
ELSR12
8
8
2 or 3 PCLKB
0008 B10Fh
ELC
Event Link Setting Register 14
ELSR14
8
8
2 or 3 PCLKB
0008 B110h
ELC
Event Link Setting Register 15
ELSR15
8
8
2 or 3 PCLKB
0008 B112h
ELC
Event Link Setting Register 17
ELSR17
8
8
2 or 3 PCLKB
0008 B113h
ELC
Event Link Setting Register 18
ELSR18
8
8
2 or 3 PCLKB
0008 B114h
ELC
Event Link Setting Register 19
ELSR19
8
8
2 or 3 PCLKB
0008 B115h
ELC
Event Link Setting Register 20
ELSR20
8
8
2 or 3 PCLKB
0008 B117h
ELC
Event Link Setting Register 22
ELSR22
8
8
2 or 3 PCLKB
0008 B119h
ELC
Event Link Setting Register 24
ELSR24
8
8
2 or 3 PCLKB
0008 B11Ah
ELC
Event Link Setting Register 25
ELSR25
8
8
2 or 3 PCLKB
0008 B11Fh
ELC
Event Link Option Setting Register A
ELOPA
8
8
2 or 3 PCLKB
0008 B120h
ELC
Event Link Option Setting Register B
ELOPB
8
8
2 or 3 PCLKB
0008 B121h
ELC
Event Link Option Setting Register C
ELOPC
8
8
2 or 3 PCLKB
0008 B122h
ELC
Event Link Option Setting Register D
ELOPD
8
8
2 or 3 PCLKB
0008 B123h
ELC
Port Group Setting Register 1
PGR1
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (15/24)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com