Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 6Page - Renesas Technology Corp RX113 Datasheet HTML 7Page - Renesas Technology Corp RX113 Datasheet HTML 8Page - Renesas Technology Corp RX113 Datasheet HTML 9Page - Renesas Technology Corp RX113 Datasheet HTML 10Page - Renesas Technology Corp RX113 Datasheet HTML 11Page - Renesas Technology Corp RX113 Datasheet HTML 12Page - Renesas Technology Corp RX113 Datasheet HTML 13Page - Renesas Technology Corp RX113 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 10 of 131
Sep 07, 2020
RX113 Group
1. Overview
Port output
enable 2
POE0# to POE3#, POE8#
Input
Input pins for request signals to place the MTU pins in the high impedance
state.
Realtime clock
RTCOUT
Output
Output pin for the 1-Hz/64-Hz clock.
8-bit timer
TMO0 to TMO3
Output
Compare match output pins.
TMCI0 to TMCI3
Input
Input pins for the external clock to be input to the counter.
TMRI0 to TMRI3
Input
Counter reset input pins.
Serial
communications
interface (SCIe)
• Asynchronous mode/clock synchronous mode
SCK0, SCK1, SCK2, SCK5,
SCK6, SCK8, SCK9
I/O
Input/output pins for the clock.
RXD0, RXD1, RXD2, RXD5,
RXD6, RXD8, RXD9
Input
Input pins for received data.
TXD0, TXD1, TXD2, TXD5,
TXD6, TXD8, TXD9
Output
Output pins for transmitted data.
CTS0#, CTS1#, CTS2#,
CTS5#, CTS6#, CTS8#,
CTS9#
Input
Input pins for controlling the start of transmission and reception.
RTS0#, RTS1#, RTS2#,
RTS5#, RTS6#, RTS8#,
RTS9#
Output
Output pins for controlling the start of transmission and reception.
• Simple I2C mode
SSCL0, SSCL1, SSCL2,
SSCL5, SSCL6, SSCL8,
SSCL9
I/O
Input/output pins for the I2C clock.
SSDA0, SSDA1, SSDA2,
SSDA5, SSDA6, SSDA8,
SSDA9
I/O
Input/output pins for the I2C data.
• Simple SPI mode
SCK0, SCK1, SCK2, SCK5,
SCK6, SCK8, SCK9
I/O
Input/output pins for the clock.
SMISO0, SMISO1, SMISO2,
SMISO5, SMISO6, SMISO8,
SMISO9
I/O
Input/output pins for slave transmit data.
SMOSI0, SMOSI1, SMOSI2,
SMOSI5, SMOSI6, SMOSI8,
SMOSI9
I/O
Input/output pins for master transmit data.
SS0#, SS1#, SS2#, SS5#,
SS6#, SS8#, SS9#
Input
Chip-select input pins.
IrDA interface
IRTXD5
Output
Data output pin in the IrDA format.
IRRXD5
Input
Data input pin in the IrDA format.
Table 1.4
Pin Functions (2/4)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com