Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 21 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 21 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 17Page - NEC UPD17P136ACT Datasheet HTML 18Page - NEC UPD17P136ACT Datasheet HTML 19Page - NEC UPD17P136ACT Datasheet HTML 20Page - NEC UPD17P136ACT Datasheet HTML 21Page - NEC UPD17P136ACT Datasheet HTML 22Page - NEC UPD17P136ACT Datasheet HTML 23Page - NEC UPD17P136ACT Datasheet HTML 24Page - NEC UPD17P136ACT Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 292 page
background image
CHAPTER 1 GENERAL DESCRIPTION
2
1.1 FUNCTION LIST
Item
µPD17134A
µPD17135A
µPD17136A
µPD17137A
µPD17P136A µPD17P137A
ROM configuration
Mask ROM
One-time PROM
ROM capacity
2KB (1024 ! 16 bits)
4KB (2048 ! 16 bits)
RAM capacity
112 ! 4 bits
Stack
Address stack
× 5, interrupt stack × 3
Number of I/O port
• I/O
: 20
22
• Input only
: 1
• Sensor inputNote : 1
A/D converter
8-bit resolution
× 4 channels (shared with port pin), absolute precision ± 1.5 LSB or less
Timer
3 channels
• 8-bit timer counter
: 2 channels (16-bit timer 1 channel applicable)
• 7-bit basic interval timer : 1 channel (watchdog timer applicable)
Serial interface
1 channel (3 wires)
AC zero cross detection
Provided (can be used in application circuit at VDD = 5 V
± 10%)
function
Interrupt
• Nesting by hardware (up to 3 levels)
Rising edge detection
• External interrupts (INT) : 1
Falling edge detection
Selectable
Both rising and falling edges detection
• Timer 0 (TM0)
• Internal interrupts
: 1
• Timer 1 (TM1)
• Basic interval timer (BTM)
• Serial interface (SIO)
System clock
RC
Ceramic
RC
Ceramic
RC
Ceramic
oscillation
oscillation
oscillation
oscillation
oscillation
oscillation
Instruction
8
µs2 µs8 µs2 µs8 µs2 µs
execution time
at fX = 2 MHz
at fX = 8 MHz
at fX = 2 MHz
at fX = 8 MHz
at fX = 2 MHz
at fX = 8 MHz
Standby
HALT, STOP
Power-on/
Available (effective only for application circuit with VDD = 5 V
± 10 %, 400 kHz to 4 MHz)
power-down reset
Supply voltage
VDD = 2.7 to 5.5 V (5 V
±10 % when using A/D converter)
Package
28-pin plastic shrink DIP, 28-pin plastic SOP
Note
The INT pin can be used as an input pin (sense input) when the external interrupt function is not used. The
sense input function is to read the status of the pin by using the INT flag of a control register, instead of a port
register.
Caution The PROM model is highly compatible with the mask ROM model in terms of functions but its internal
ROM circuit and electrical characteristics are partially different from those of the mask ROM model.
To replace the PROM model with the mask ROM model, thoroughly evaluate the application by using
a sample of the mask ROM model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com