Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 68 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 68 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 64Page - NEC UPD17P136ACT Datasheet HTML 65Page - NEC UPD17P136ACT Datasheet HTML 66Page - NEC UPD17P136ACT Datasheet HTML 67Page - NEC UPD17P136ACT Datasheet HTML 68Page - NEC UPD17P136ACT Datasheet HTML 69Page - NEC UPD17P136ACT Datasheet HTML 70Page - NEC UPD17P136ACT Datasheet HTML 71Page - NEC UPD17P136ACT Datasheet HTML 72Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 292 page
background image
CHAPTER 7 SYSTEM REGISTER (SYSREG)
49
7.5.3 IXE = 0 and MPE = 0 (No Data Memory Modification)
As shown in Table 7-9, data memory addresses are not affected by the index register and the data memory row
address pointer.
(1) Data memory manipulation instructions
Example 1.
Execution of “ADD r, m” when general register is in row address 0
R003
MEM
0.03H
M061
MEM
0.61H
ADD
R003, M061
; Addition in memories (0.03H)
← (0.03H) + (0.61H)
As shown in Figure 7-10, when the above instructions are executed, the data in general register
address R003 and data memory address M061 are added together and the result is stored in
general register address R003.
(2) Indirect transfer of data in the general register (horizontal indirect transfer)
Example 2.
Execution of “MOV @r, m” when general register is in row address 0
R005
MEM
0.05H
M034
MEM
0.34H
MOV
R005, #8
; R005
← 8 (Setting of column address of @r)
MOV
@R005, M034 ; Indirect transfer of data in the register (0.38H)
← (0.34H)
As shown in Figure 7-10, when the above instructions are executed, the data stored in data
memory address M034 is transferred to data memory location 38H.
The “MOV @r, m” instruction transfers the contents of the data memory specified by m to a data
memory address with the row address same as m and column address specified by @r.
In the above example, therefore, data at M034 is transferred to 38H whose row address is the
same as that of M034 (= 3) and column address is specified by the contents of R005 (= 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com