Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 29 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 29 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 25Page - NEC UPD17P136ACT Datasheet HTML 26Page - NEC UPD17P136ACT Datasheet HTML 27Page - NEC UPD17P136ACT Datasheet HTML 28Page - NEC UPD17P136ACT Datasheet HTML 29Page - NEC UPD17P136ACT Datasheet HTML 30Page - NEC UPD17P136ACT Datasheet HTML 31Page - NEC UPD17P136ACT Datasheet HTML 32Page - NEC UPD17P136ACT Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 292 page
background image
CHAPTER 2 PIN FUNCTIONS
10
Pin No.
Pin name
Function
Output
At reset
17
P1B0/VPP Note1
Used as port 1B, or programming voltage supply pin in
Input
Input
program memory write/verify mode.
• P1B0
• 1-bit input port
• A pull-up resistor can be internally connected by mask
option Note2
• VPP
• Available for the
µPD17P136A and µPD17P137A only
• Applies programming voltage (+12.5 V) at program
memory writing/verification
18
P1A3
Port 1A
N-ch open
Input
|
|
• 4-bit input/output port
drain
21
P1A0
• Input/output setting in 4-bit unit
• A pull-up resistor can be internally connected by mask
option Note2
22
P0D3/TM0OUT
Used as port 0D, or timer 0 carry output, serial data input,
N-ch open
Input
serial data output, and serial clock input/output pins
drain
A pull-up resistor can be internally connected by mask
option Note2
• P0D3 to P0D0
• 4-bit input/output port
• Input/output setting in 1 bit unit
• TM0OUT
• Timer 0 carry output
23
P0D2/SI
• SI
• Serial data input
24
P0D1/SO
• SO
• Serial data output
25
P0D0/SCK
• SCK
• Serial clock input/output
26
XOUT
In the case of the
µPD17135A/17137A/17P137A
—
—
27
XIN/CLK Note3
• XIN, XOUT
• Connected to a resonator for system clock oscillation
• The ceramic resonator is connected.
• CLK
• Available for the
µPD17P137A only
• Clock input pin for address updating at program
memory writing/verification
26
OSC0
In the case of the
µPD17134A/17136A/17P136A
27
OSC1/CLK Note3
• OSC0, OSC1
• Connected to a resonator for system clock oscillation
• Resistor is connected between OSC0 and OSC1.
• CLK
• Available for the
µPD17P136A only
• Clock input pin for address updating at program
memory writing/verification
28
VDD
Power supply
—
—
In the program memory write/verify mode of the
µPD17P136A/17P137A, +6 V is applied.
Notes 1.
The VPP pin is valid only with the
µPD17P136A and 17P137A.
2.
The
µPD17P136A and 17P137A do not have a pull-up resistor connected by mask option.
3.
The CLK pin is valid only with the
µPD17P136A and 17P137A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com