Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 52 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 52 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 48Page - NEC UPD17P136ACT Datasheet HTML 49Page - NEC UPD17P136ACT Datasheet HTML 50Page - NEC UPD17P136ACT Datasheet HTML 51Page - NEC UPD17P136ACT Datasheet HTML 52Page - NEC UPD17P136ACT Datasheet HTML 53Page - NEC UPD17P136ACT Datasheet HTML 54Page - NEC UPD17P136ACT Datasheet HTML 55Page - NEC UPD17P136ACT Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 292 page
background image
CHAPTER 5 DATA MEMORY (RAM)
33
5.1.3 General Register (GR)
The general register consists of 16 nibbles specified by an arbitrary row address in an arbitrary bank in data memory.
This arbitrary row address in an arbitrary bank is specified by the register pointer (RP) in the system register
(SYSREG).
Figure 5-4 shows the configuration of the general register (GR).
Figure 5-4. General Register (GR) Configuration
5.1.4 Port Registers
A port register consists of eight nibbles allocated at addresses 70H to 73H in each bank of the data memory.
As shown in Figure 5-5, the high-order 3 bits of address 71H of BANK1 and all of addresses 72H and 73H of BANK1
are always set to 0.
Figure 5-5 shows the configuration of the port registers.
Figure 5-5. Port Register Configuration
Port register
Address
70H
P0A
71H
P0B
72H
P0C
73H
P0D
BANK0
P1A
P1B
BANK1
P
0
A
3
P
0
A
2
P
0
A
1
P
0
A
0
P
0
B
3
P
0
B
2
P
0
B
1
P
0
B
0
P
0
C
3
P
0
C
2
P
0
C
1
P
0
C
0
P
0
D
3
P
0
D
2
P
0
D
1
P
0
D
0
P
1
A
3
P
1
A
2
P
1
A
1
P
1
A
0
P
1
B
0
Fixed to “0”
Fixed to “0”
Fixed to “0”
SYSREG
Port register
0
1
2
3
4
5
6
7
SYSREG
Port register
0
1
2
3
4
5
6
7
Unmounted
0123456789
A
B
C
D
E
F
Column address
BANK0
BANK1
General register
The same register is allocated
for each bank.
Area specifiable as general register
Pointed to by general register
pointer (RP) in system register.
Note that row addresses 0 to 6
of BANK1 are unmounted mem-
ory locations. The register
pointer (RP) should therefore
not specify a row address in this
area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com