Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 46 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 46 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 42Page - NEC UPD17P136ACT Datasheet HTML 43Page - NEC UPD17P136ACT Datasheet HTML 44Page - NEC UPD17P136ACT Datasheet HTML 45Page - NEC UPD17P136ACT Datasheet HTML 46Page - NEC UPD17P136ACT Datasheet HTML 47Page - NEC UPD17P136ACT Datasheet HTML 48Page - NEC UPD17P136ACT Datasheet HTML 49Page - NEC UPD17P136ACT Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 292 page
background image
CHAPTER 4 PROGRAM MEMORY (ROM)
27
4.2.2
Table Reference
Table reference is used to reference constant data in program memory.
The table reference instruction (MOVT DBF, @AR) is used to store the contents of the program memory address
specified by the address register in the data buffer.
Since each location in program memory contains 16 bits of information, the MOVT instruction causes
16 bits of data to be stored in the data buffer. The address register can be used to table reference any location
in program memory.
Caution Note that one level of the address stack is temporarily used when performing table reference.
Be sure not to exceed the stack level that can be used. Also see 7.2 ADDRESS REGISTER (AR)
and CHAPTER 10 DATA BUFFER (DBF).
Remark Two instruction cycles are required to execute the table reference instruction, but this is an exception.
Figure 4-3. Table Reference (MOVT DBF, @AR)
Note This bit is fixed to 0 in the case of the
µPD17134A and µPD17135A.
b15
b4
b5
b6
b7
b8
b9
b14 b13 b12 b11 b10
Constant data
Program memory
AR3
AR2
AR1
AR0
Address register
00000
16-bit data read
Table address specification
b0
b1
b2
b3
DBF3
Data buffer
DBF2
DBF1
DBF0
Note
b0
b1
b2
b3
b0
b1
b2
b3
b0
b1
b2
b3
b0
b1
b2
b3
b0
b1
b2
b3
b0
b1
b2
b3
b0
b1
b2
b3
b0
b1
b2
b3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com