Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 69 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 69 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 65Page - NEC UPD17P136ACT Datasheet HTML 66Page - NEC UPD17P136ACT Datasheet HTML 67Page - NEC UPD17P136ACT Datasheet HTML 68Page - NEC UPD17P136ACT Datasheet HTML 69Page - NEC UPD17P136ACT Datasheet HTML 70Page - NEC UPD17P136ACT Datasheet HTML 71Page - NEC UPD17P136ACT Datasheet HTML 72Page - NEC UPD17P136ACT Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 292 page
background image
CHAPTER 7 SYSTEM REGISTER (SYSREG)
50
Example 3.
Execution of “MOV m, @r” when general register is in row address 0
R00B
MEM
0.0BH
M034
MEM
0.34H
MOV
R00B, #0EH
; R00B
← 0EH (Setting column address of @r)
MOV
M034, @R00B
; Indirect transfer of data in the register (0.34H)
← (0.3EH)
As shown in Figure 7-10, when the above instructions are executed, the contents of data
memory stored at address 3EH is transferred to data memory location M034.
The “MOV m, @r” instruction transfers the contents of the data memory of the address which
the column address is specified by @r to a data memory address specified by m.
In the above example, therefore, data at 3EH is transferred to M034 whose row address is the
same as that of M034 (= 3) and column address is specified by the contents of R00B (= 0EH).
Figure 7-10. Operation Example When IXE = 0 and MPE = 0
Addresses in Example 1
Addresses in Example 2
ADD R003, M061
MOV @R005, M034
0123456789
A
B
C
D
E
F
0
1
2
3
4
5
6
7
Column address
System register
8E
Column address specified
as transfer destination
Column address specified
as transfer source
Example 2. MOV @R005, M034
Example 3. MOV M034, @R00B
Example 1. ADD R003, M061
General
register
0000
Bank
Row
address
Column
address
110
0001
0000
0011
000
0000
Bank
Row
address
Column
address
011
0100
0000
0101
000
0000
1000
011
Data memory address M
General register address R
Indirect transfer address @R
Data memory address M
General register address R
Contents
of R
Same as M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com