Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 98 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 98 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 94Page - NEC UPD17P136ACT Datasheet HTML 95Page - NEC UPD17P136ACT Datasheet HTML 96Page - NEC UPD17P136ACT Datasheet HTML 97Page - NEC UPD17P136ACT Datasheet HTML 98Page - NEC UPD17P136ACT Datasheet HTML 99Page - NEC UPD17P136ACT Datasheet HTML 100Page - NEC UPD17P136ACT Datasheet HTML 101Page - NEC UPD17P136ACT Datasheet HTML 102Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 292 page
background image
CHAPTER 10 DATA BUFFER (DBF)
79
10.2.1 Data Buffer and Peripheral Hardware
Table 10-1 shows data transfer with peripheral hardware using the data buffer.
Each unit of peripheral hardware has an individual address (called its peripheral address). By using this peripheral
address and the dedicated instructions GET and PUT, data can be transferred between each unit of peripheral
hardware and the data buffer.
GET DBF, p: Read the data in the peripheral hardware address specified by p into the data buffer (DBF).
PUT p, DBF: Write the data in the data buffer to the peripheral hardware address specified by p.
There are three types of peripheral hardware units: read/write (PUT/GET), write-only (PUT) and read-only (GET).
The following describes what happens when a GET instruction is used with write-only hardware (PUT only) and
when a PUT instruction is used with read-only hardware (GET only).
•
Reading (GET) from write-only (PUT only) peripheral hardware will yield an undefined value.
•
Writing (PUT) to read-only (GET only) peripheral hardware has no effect (same as a NOP instruction).
Table 10-1. Peripheral Hardware
(1) Peripheral hardware with input/output in 8-bit units
Peripheral
Name
Peripheral hardware
Direction of data
Actual
address
PUT
GET
bit length
01H
SIOSFR
Serial interface
8 bits
02H
TM0M
Timer 0
×
8 bits
03H
TM1M
Timer 1
×
8 bits
04H
ADCR
A/D converter
8 bits
(2) Peripheral hardware with input/output in 16-bit units
Peripheral
Name
Peripheral hardware
Direction of data
Actual
address
PUT
GET
bit length
40H
AR
Address register
10/11 bitsNote
45H
TM0TM1C
Timer 0/timer 1 count register
×
16 bits
Note
10 bits for the
µPD17134A and 17135A, and 11 bits for the µPD17136A and 17137A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com