Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 61 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 61 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 57Page - NEC UPD17P136ACT Datasheet HTML 58Page - NEC UPD17P136ACT Datasheet HTML 59Page - NEC UPD17P136ACT Datasheet HTML 60Page - NEC UPD17P136ACT Datasheet HTML 61Page - NEC UPD17P136ACT Datasheet HTML 62Page - NEC UPD17P136ACT Datasheet HTML 63Page - NEC UPD17P136ACT Datasheet HTML 64Page - NEC UPD17P136ACT Datasheet HTML 65Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 292 page
background image
CHAPTER 7 SYSTEM REGISTER (SYSREG)
42
Figure 7-2. System Register Configuration
Note
This bit is fixed to 0 in the case of the
µPD17134A and µPD17135A.
74H
75H
76H
77H
78H
79H
7AH
7BH
7CH
7DH
7EH
7FH
IXH
IXM
MPH
MPL
AR3
AR2
AR1
AR0
WR
BANK
Symbol
Address
Window
register
(WR)
Bank
register
(BANK)
Address register
(AR)
General
register
pointer
(RP)
Program
status
word
(PSWORD)
IXL
RPH
RPL
PSW
Data memory
row address
pointer (MP)
Index register (IX)
Name
Bit
M
P
E
B
C
D
C
M
P
C
Y Z
I
X
E
00000
000
000
000
Data
b3 b2 b1 b0
(IX)
(RP)
(BANK)
(MP)
(AR)
00000
0000000000 Undefined 0000000000000000000000000000
Initial value
when
reset
0
Note
b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com