Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 67 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 67 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 63Page - NEC UPD17P136ACT Datasheet HTML 64Page - NEC UPD17P136ACT Datasheet HTML 65Page - NEC UPD17P136ACT Datasheet HTML 66Page - NEC UPD17P136ACT Datasheet HTML 67Page - NEC UPD17P136ACT Datasheet HTML 68Page - NEC UPD17P136ACT Datasheet HTML 69Page - NEC UPD17P136ACT Datasheet HTML 70Page - NEC UPD17P136ACT Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 292 page
background image
CHAPTER 7 SYSTEM REGISTER (SYSREG)
48
Figure 7-9. Modification of Data Memory Address by Index Register and Memory Pointer
Data memory address specified by m
Indirect transfer address specified by @r
b3
b2
b1
b0
b2
b1
b0
b3
b2
b1
b0
IXE
MPE
00
01
10
11
BANK
BANK
mR
(r)
MPL
(r)
(r)
mR
BANK
IXH
IXM
Setting prohibited
Row address
Bank
Column address
b3
b2
b1
b0
b2
b1
b0
b3
b2
b1
b0
Row address
Bank
Column address
Logical OR
MPH
m
BANK
IXH
IXM
Logical OR
m
IXL
BANK
m
BANK : Bank register
IX
: Index register
IXE
: Index enable flag
IXH
: Bits 10 through 8 of index register
IXM : Bits 7 through 4 of index register
IXL
: Bits 3 through 0 of index register
m
: Data memory indicated by mR and mC
mR
: Data memory row address
mC
: Data memory column address
MP
: Memory pointer
MPE : Memory pointer enable flag
MPH : High-order 3 bits of memory pointer
MPL : Low-order 4 bits of memory pointer
r
: General register column address
RP
: General register pointer
(
×)
: Contents addressed by
×
×: Direct address such as r
Table 7-2. Instructions Subject to Address Modification
Arithmetic
ADD
r, m
operation
ADDC
SUB
m, #n4
SUBC
Logical
AND
operation
OR
r, m
XOR
m, #n4
Judgment
SKT
m, #n
SKF
Compare
SKE
SKGE
m, #n4
SKLT
SKNE
Transfer
LD
r, m
ST
m, r
MOV
m, #n4
@r, m
m, @r
–––––––––––––––––
–––––––––––––––––
–––––––––––––––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com