Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 38 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 38 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 34Page - NEC UPD17P136ACT Datasheet HTML 35Page - NEC UPD17P136ACT Datasheet HTML 36Page - NEC UPD17P136ACT Datasheet HTML 37Page - NEC UPD17P136ACT Datasheet HTML 38Page - NEC UPD17P136ACT Datasheet HTML 39Page - NEC UPD17P136ACT Datasheet HTML 40Page - NEC UPD17P136ACT Datasheet HTML 41Page - NEC UPD17P136ACT Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 292 page
background image
CHAPTER 3 PROGRAM COUNTER (PC)
19
An indirect branch instruction causes the address in the address counter to be placed in the program counter.
Figure 3-5. Value in the Program Counter during Execution of a BR @AR Instruction
Remark The shaded part is effective only in the case of
µPD17136A/17137A/17P136A/17P137A.
3.2.3 During Execution of Subroutine Calls (CALL)
There are two ways to specify branching using subroutine calls. One is to specify the branch address in the operand
using the direct subroutine call (CALL addr). The other is branch to the address specified by the address register
using the indirect subroutine call (CALL @AR).
A CALL addr causes the value in the program counter to be saved in the stack and then the address specified in
the operand to be placed in the program counter. CALL addr can specify 000H-03FFH in the
µPD17134A and 17135A,
and 0000H-07FFH in the
µPD17136A, 17137A, 17P136A, and 17P137A.
Figure 3-6. Value in the Program Counter during Execution of a CALL addr
Remark The shaded part is effective only in the case of
µPD17136A/17137A/17P136A/17P137A.
A CALL @AR causes the value in the program counter to be saved in the stack and then the value in the address
register to be placed in the program counter.
PC10
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
MSB
LSB
AR10
AR8
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
PC9
AR9
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
MSB
LSB
Address specified in the addr
PC10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com