Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 33 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 33 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 29Page - NEC UPD17P136ACT Datasheet HTML 30Page - NEC UPD17P136ACT Datasheet HTML 31Page - NEC UPD17P136ACT Datasheet HTML 32Page - NEC UPD17P136ACT Datasheet HTML 33Page - NEC UPD17P136ACT Datasheet HTML 34Page - NEC UPD17P136ACT Datasheet HTML 35Page - NEC UPD17P136ACT Datasheet HTML 36Page - NEC UPD17P136ACT Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 292 page
background image
CHAPTER 2 PIN FUNCTIONS
14
2.3 PROCESSING OF UNUSED PINS
The unused pins should be handled as follows:
Table 2-1. Processing of Unused Pins
Pin Name
Recommended Processing
Internal
External
Port
Input mode
P0A, P0B
Connect pull-up resistor by software
Open
P0C
—
Connect each pin to VDD or GND via
resistorNote 1
P0D, P1A
Pull-up resistor not connected by mask
Directly connect to GND
option
Pull-up resistor connected by mask
Open
option
P1B0Note2
Pull-up resistor not connected by mask
Directly connect to GND
option
Output mode
P0A, P0B, P0C
—
Open
(CMOS port)
P0D, P1A
Outputs low level without pull-up
(N-ch open-
resistor connected by mask option
drain ports)
Outputs high level without pull-up
resistor connected by mask option
External interrupt (INT)
Pull-up resistor not connected by mask
Directly connect to VDD or GND
option
Pull-up resistor connected by mask
Open
option
RESETNote3
Pull-up resistor not connected by mask
Directly connect to VDD
when only internal power-ON/power-
option
down reset function is used
Pull-up resistor connected by mask
option
VADC
—
Directly connect to VDD
Notes 1.
When connecting an external pull-up resistor (to VDD via resistor) or pull-down resistor (to GND via
resistor), make sure that the driving voltage and current consumption of the port are not exceeded. When
connecting a pull-up or pull-down resistor with a high resistance to a port pin, make sure that noise is not
superimposed on the pin. Generally, the resistance of the pull-up or pull-down resistor is about several
k
Ω, though it varies depending on the application circuit.
2.
Because the P1B0 pin is multiplexed with a test mode setting function, do not connect a pull-up resistor
to this pin using the mask option. Directly connect it to GND.
3.
In an application circuit where high reliability is required, be sure to input the RESET signal from an external
source. Because the RESET pin is multiplexed with a mode setting function, directly connect it to VDD
if not use.
Caution It is recommended that the I/O mode, pull-up of resistors by software, and output levels of pins be
fixed by repeatedly setting in each loop of the program.
Remark
The
µPD17P136A and 17P137A do not have a pull-up resistor as mask option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com