Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 72 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 72 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 68Page - NEC UPD17P136ACT Datasheet HTML 69Page - NEC UPD17P136ACT Datasheet HTML 70Page - NEC UPD17P136ACT Datasheet HTML 71Page - NEC UPD17P136ACT Datasheet HTML 72Page - NEC UPD17P136ACT Datasheet HTML 73Page - NEC UPD17P136ACT Datasheet HTML 74Page - NEC UPD17P136ACT Datasheet HTML 75Page - NEC UPD17P136ACT Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 292 page
background image
CHAPTER 7 SYSTEM REGISTER (SYSREG)
53
7.5.5 IXE = 1 and MPE = 0 (Index Modification)
As shown in Figure 7-9, when a data memory manipulation instruction is executed, any bank or address in data
memory specified by m can be modified using the index register.
When indirect data transfer using the general register (MOV @r, m or MOV m, @r) is executed, the indirect transfer
bank and address specified by @r can be modified using the index register.
Address modification is done by performing an OR operation on the data memory address and the index register.
The data memory manipulation instruction being executed manipulates data in the memory location pointed to by the
result of the operation (called the real address).
An example is shown below.
Example 1. Execution of “ADD r, m” when the general register is in row address 0
R003
MEM
0.03H
M061
MEM
0.61H
MOV
IXL, #0010B
; IX
← 00000010010B
MOV
IXM, #0001B
;
MOV
IXH, #0000B
; MPE
← 0
OR
PSW, #.DF.IXE AND 0FH ; IXE
← 1
ADD
R003, M061
; (0.03H)
← (0.03H) + (0.73H)
As shown in Figure 7-12, when the instructions of example 1 are executed, the value in data memory
address 73H (real address) and the value in general register address R003 (address 03H) are added
together and the result is stored in general register address R003.
When the ADD r, m instruction is executed, the data memory address specified by m (address 61H
in above example) is index modified.
Modification is done by performing an OR operation on data memory location M061 (address 61H,
binary 00001100001B) and the index register (00000010010B in the above example). The result
of the operation (00001110011B) is used as a real address (address 73H) by the instruction being
executed.
As compared to when IXE = 0 (Examples in 7.5.3), in this example the data memory address being
directly specified by m is modified by performing an OR operation on m and the index register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com