Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 63 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 63 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 59Page - NEC UPD17P136ACT Datasheet HTML 60Page - NEC UPD17P136ACT Datasheet HTML 61Page - NEC UPD17P136ACT Datasheet HTML 62Page - NEC UPD17P136ACT Datasheet HTML 63Page - NEC UPD17P136ACT Datasheet HTML 64Page - NEC UPD17P136ACT Datasheet HTML 65Page - NEC UPD17P136ACT Datasheet HTML 66Page - NEC UPD17P136ACT Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 292 page
background image
CHAPTER 7 SYSTEM REGISTER (SYSREG)
44
(3) Indirect branch instruction (BR @AR)
When the BR @AR instruction is executed, the program branches to the address in program memory specified
by the value in the address register.
(4) Indirect subroutine call (CALL @AR)
When the CALL @AR instruction is executed, the subroutine located at the address in program memory
specified by the value in the address register is called.
(5) Address register used as a peripheral hardware register
The address register can be manipulated 4 bits at a time by using data memory manipulation instructions. The
address register can also be used as a peripheral hardware register for transferring 16-bit data to the data
buffer. In other words, by using the PUT AR, DBF and GET DBF AR instructions, the address register can
be used to transfer 16-bit data to the data buffer.
Note that the data buffer is allocated in addresses 0CH to 0FH of BANK0 in data memory.
Figure 7-4. Address Register Used as a Peripheral Circuit
0123456789
A
B
C
D
E
F
0
1
2
3
4
5
6
7
DBF3 DBF2 DBF1DBF0
AR3 AR2 AR1 AR0
System register
(BANK0)
Column address
Data buffer
Address register
16-bit data transfer available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com