Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 92 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 92 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 88Page - NEC UPD17P136ACT Datasheet HTML 89Page - NEC UPD17P136ACT Datasheet HTML 90Page - NEC UPD17P136ACT Datasheet HTML 91Page - NEC UPD17P136ACT Datasheet HTML 92Page - NEC UPD17P136ACT Datasheet HTML 93Page - NEC UPD17P136ACT Datasheet HTML 94Page - NEC UPD17P136ACT Datasheet HTML 95Page - NEC UPD17P136ACT Datasheet HTML 96Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 292 page
background image
CHAPTER 9 REGISTER FILE (RF)
73
•
WDTRES
(RF: 03H, bit 3)
•
WDTEN
(RF: 03H, bit 0)
•
TM0RES
(RF: 11H, bit 2)
•
TM1RES
(RF: 12H, bit 2)
•
BTMRES
(RE: 13H, bit 2)
•
ADCSTRT (RF: 20H, bit 0)
Within the four bits of data in a nibble, there are bits which are fixed at 0 and will therefore always be read as 0.
These bits remain fixed at 0 even when an attempt is made to write to them.
Attempting to read data in the unused register address area (38 nibbles) will yield unpredictable values. In addition,
attempting to write to this area has no effect.
9.4 NOTES CONCERNING USE OF THE REGISTER FILE
9.4.1 Notes Concerning Operation of the Control Register (Read-Only and Unused Registers)
It is necessary to take note of the following notes concerning device operation and use of the 17K Series assembler
(AS17K) and in-circuit emulator (IE-17K or IE-17K-ET) with regard to the read-only (R) and unused registers in the
control register (register file addresses 00H to 3FH).
(1) Device operation
Writing to a read-only register has no effect.
Attempting to read data from an address in the unused data area will yield an undefined value. Attempting
to write to an address in the unused data area has no effect.
(2) During use of the assembler (AS17K)
An error will be generated if an attempt is made to write to a read-only register.
An error will also be generated if an attempt is made to read from or write to an address in the unused data
area.
(3) During use of the in-circuit emulator (IE-17K or IE-17K-ET) (operation during patch processing and
similar operations)
Attempting to write to a read-only register has no effect. No error is generated.
Attempting to read data from an address in the unused data area will yield an undefined value. Attempting
to write to an address in the unused data area has no effect. No errors are generated.
9.4.2 Register File Symbol Definitions and Reserved Words
Attempting to use a numerical value in a 17K Series assembler (AS17K) to specify a register file address in the
rf operand of the “PEEK WR, rf” or “POKE rf, WR” instructions will cause an error to be generated.
Therefore, as shown in Example 1, register file addresses need to be defined beforehand as symbols.
Example 1.
Case which causes an error to be generated
PEEK
WR, 02H
;
POKE
21H, WR
;
Case in which no error is generated
RF71
MEM0.71H
; Symbol definition
PEEK
WR, RF71 ;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com