Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 91 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 91 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 87Page - NEC UPD17P136ACT Datasheet HTML 88Page - NEC UPD17P136ACT Datasheet HTML 89Page - NEC UPD17P136ACT Datasheet HTML 90Page - NEC UPD17P136ACT Datasheet HTML 91Page - NEC UPD17P136ACT Datasheet HTML 92Page - NEC UPD17P136ACT Datasheet HTML 93Page - NEC UPD17P136ACT Datasheet HTML 94Page - NEC UPD17P136ACT Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 292 page
background image
CHAPTER 9 REGISTER FILE (RF)
72
Figure 9-3. Accessing the Register File Using the PEEK and POKE Instructions
9.3 CONTROL REGISTER
Figure 9-4 shows the configuration of the control register.
As shown in Figure 9-4, the control register consists of 64 nibbles (64 ! 4 bits) allocated in register file addresses
00H to 3FH.
However, only 26 nibbles are actually used. The remaining 38 nibbles are allocated for registers which have not
yet been implemented. Data should not be read from or written to this area.
There are two types of registers, both of which occupy one nibble of memory. One type is read/write
(R/W), and the other is read-only (R).
Note that within the read/write (R/W) flags, there exists a flag that will always be read as 0.
The following read/write (R/W) flags are those flags which will always be read as 0:
WR
0123456789
A
B
C
D
E
F
0
1
2
3
4
5
6
7
0
3
1
2
3
4
5
6
7
BANK0
3 PEEK WR, RF53
8 POKE RF72, WR
7 PEEK WR, RF70
4 POKE RF6D, WR
BANK1
Unmounted
System register
1
POKE RF1F, WR
Control register
Register file for BANK0
Register file for BANK1
Column address
Data memory
5
2 6
PEEK WR, RF02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com