Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 74 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 74 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 70Page - NEC UPD17P136ACT Datasheet HTML 71Page - NEC UPD17P136ACT Datasheet HTML 72Page - NEC UPD17P136ACT Datasheet HTML 73Page - NEC UPD17P136ACT Datasheet HTML 74Page - NEC UPD17P136ACT Datasheet HTML 75Page - NEC UPD17P136ACT Datasheet HTML 76Page - NEC UPD17P136ACT Datasheet HTML 77Page - NEC UPD17P136ACT Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 292 page
background image
CHAPTER 7 SYSTEM REGISTER (SYSREG)
55
Example 2. Indirect data transfer using the general register (Execution of “MOV @r, m”)
R005 MEM
0.05H
M034 MEM
0.34H
MOV
IXL, #0001B
; Column address
← 5 (OR of 4 and 1)
MOV
IXM, #0000B
; Row address
← 3 (OR of 3 and 0)
MOV
IXH, #0000B
; MPE
← 0, bank ← 0 (OR of 0 and 0)
OR
PSW, #.DF.IXE AND 0FH ; IXE
← 1
MOV
R005, #8
; R005
← 8 (Setting column address of @r)
MOV
@R005, M034
; Indirect data transfer using the register
; (0.38H)
← (0.35H)
As shown in Figure 7-13, when the above instructions are executed, the contents of data memory
address 35H is transferred to data memory location 38H.
When the MOV @r, m instruction is executed when IXE = 1, the data memory address specified
by m (direct address) is modified using the contents of the index register. The bank and row address
of the indirect address specified by @r are also modified using the index register.
The bank, row address, and column address specified by m (direct address) are all modified, and
the bank and row address specified by @r (indirect address) are modified.
Therefore, in the above example the direct address is 35H and the indirect address is 38H.
This example is different from Example 3 in 7.5.3 when IXE = 0 for the following reasons: In this
example, the bank, row address and column address of the direct address specified by m are
modified using the index register. The general register is transferred to the address specified by
the column address of the modified data memory address and the same row address. (In Example
3 in 7.5.3, the direct address is not modified.)
Figure 7-13. Operation Example When IXE = 1 and MPE = 0
0123456789
A
B
C
D
E
F
0
1
2
3
4
5
6
7
Column address
System register
General
register
R005
Example 2.
MOV @R005, M034
00000110100B
00000000001B
00000110101B
8
Column address specified
as transfer destination
M034
Direct
address
Index modification
Indirect address
OR)
Real address
M034
IX
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com