Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P136ACT Datasheet(PDF) 86 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 86 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 82Page - NEC UPD17P136ACT Datasheet HTML 83Page - NEC UPD17P136ACT Datasheet HTML 84Page - NEC UPD17P136ACT Datasheet HTML 85Page - NEC UPD17P136ACT Datasheet HTML 86Page - NEC UPD17P136ACT Datasheet HTML 87Page - NEC UPD17P136ACT Datasheet HTML 88Page - NEC UPD17P136ACT Datasheet HTML 89Page - NEC UPD17P136ACT Datasheet HTML 90Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 292 page
background image
CHAPTER 8
GENERAL REGISTER (GR)
The general register (GR) is allocated in data memory. It can therefore be used directly for arithmetic operations
and transferring data.
8.1 GENERAL REGISTER CONFIGURATION
Figure 8-1 shows the configuration of the general register.
As shown in Figure 8-1, 16 nibbles in a single row address in data memory (16
× 4 bits) are used as the general
register.
The register pointer (RP) in the system register is used to indicate which row address is to be used as the general
register. Since the general register pointer effectively has four valid bits, the data memory row addresses in which
the general register can be allocated are addresses 0H to 7H of BANK0 and BANK1. However, note that row addresses
0H to 6H of BANK1 are unmounted area and should therefore not be specified as locations for the general register.
8.2 FUNCTIONS OF THE GENERAL REGISTER
The general register can be used in transferring data to and from data memory and in performing arithmetic
operations with data memory within an instruction. In effect, since the general register is data memory, this just means
that operations such as arithmetic operations and data transfer can be performed on and between locations in data
memory. In addition, because the general register is allocated in data memory, it can be controlled in the same manner
as other areas in data memory through the use of data memory manipulation instructions.
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com