Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 117 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 117 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 113Page - Analog Devices AD9546/PCBZ Datasheet HTML 114Page - Analog Devices AD9546/PCBZ Datasheet HTML 115Page - Analog Devices AD9546/PCBZ Datasheet HTML 116Page - Analog Devices AD9546/PCBZ Datasheet HTML 117Page - Analog Devices AD9546/PCBZ Datasheet HTML 118Page - Analog Devices AD9546/PCBZ Datasheet HTML 119Page - Analog Devices AD9546/PCBZ Datasheet HTML 120Page - Analog Devices AD9546/PCBZ Datasheet HTML 121Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 117 of 205
INTERNAL ZERO DELAY (HITLESS) MODE
Figure 84 shows the internal zero delay configuration. Internal
zero delay mode is a hitless mode (rather than phase buildout
operating mode), in which the AD9546 gradually changes the
output phase as DPLLx realigns to the phase of the new
reference. The user has some control over the magnitude of the
output disturbance via the phase slew limit of the AD9546 and
tuning word clamp features (see the Phase Slew Rate Limit
section and Tuning Word Offset Clamp section, respectively).
In internal zero delay mode, the feedback path of the PLL origi-
nates at the output of a user selected Q divider in the output
distribution section. The user selects the feedback Q divider
selection via the translation profile registers. To select the
feedback Q divider, use Bits[4:0] (unsigned integer) in the
register at the start address of the translation profile in Table 74
plus an offset of 2 (decimal).
The decimal value of Bits[4:0] selects the Q divider per the
Internal Zero Delay column in Table 77. With DPLL N divider
set for integer only (that is, no fractional component—a
requirement for zero delay operation), the internal zero delay
configuration ensures no phase offset between the reference
TDC and the output of the user selected Q divider.
The frequency translation factor for internal zero delay mode is
R
N
f
f
REFx
OUTx
=
To provide true hitless operation, internal zero delay mode
requires a constraint on the relationship between fREFx and fOUTx.
Namely, fOUTx/fREFx must be an integer greater than or equal to 1.
The NCO, VCO, TDCs, and the APLL PFD inputs each have
specific frequency limits. The following formulas relate fNCO,
fVCO, fTDC, and fPFD to fREFx, fOUTx, and divider values. Note that
each formula has two solutions: one with respect to the input
frequency (fREFx) and the other with respect to the output
frequency (fOUTx). The user must ensure that fNCO, fVCO, fTDC, and
fPFD are within their specified frequency limits.
fTDC = fREFx/R
= fOUTx/N
(8)
fNCO = fPFD = (2 × Q/M) × fOUTx
= ((2 × Q × N)/(R × M)) × fREFx
(9)
fVCO = 2 × Q × fOUTx
= (2 × Q × N/R) × fREFx
(10)
When the reference source is auxiliary NCO 0, auxiliary NCO 1,
IUTS 0, IUTS 1, or the feedback from the other DPLL, then in
Equation 8 through Equation 10, use R = 1.
Table 77. Zero Delay Feedback Path Selection
Bits[4:0]
(Decimal)
DPLL
Internal Zero
Delay
External Zero
Delay
0
0
OUT0AP
REFA
0
1
OUT1AP
REFA
1
0
OUT0AN
REFAA
1
1
OUT1AN
REFAA
2
0
OUT0BP
REFB
2
1
OUT1BP
REFB
3
0
OUT0BN
REFBB
3
1
OUT1BN
REFBB
4
0
OUT0CP
Auxiliary REF0
4
1
Not applicable
Auxiliary REF0
5
0
OUT0CN
Auxiliary REF1
5
1
Not applicable
Auxiliary REF1
6
0
Not applicable
Auxiliary REF2
6
1
Not applicable
Auxiliary REF2
7
0
Not applicable
Auxiliary REF3
7
1
Not applicable
Auxiliary REF3
8 to 31
Not applicable
Not applicable
Not applicable
INTERNAL ZERO DELAY
TIME STAMP PROCESSOR,
DIGITAL LOOP FILTER,
TUNING WORD PROCESSOR,
AND NCO
FEEDBACK
TDC
PFD
AND
LOOP
FILTER
M-DIVIDER
N DIVIDER
TDC
OUTPUT
DISTRIBUTION
DPLL
AD9546
N + FRAC/MOD
MUX
SYSTEM
CLOCK
LFx
XOA
XOB
Q
APLL
0
1
OUTxyN/
OUTxyP
REFx
R
OTHER DPLL
FEEDBACK TDC
DIGITAL
CROSS
POINT
MUX
REFERENCE TDCS
AUXILIARY NCOS
INVERSE USER TIME
STAMPERS (IUTS)
AUXILIARY
REFERENCE TDCS
VCO
÷2
fS
Figure 84. Internal Zero Delay PLL Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com