Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 120 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 120 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 116Page - Analog Devices AD9546/PCBZ Datasheet HTML 117Page - Analog Devices AD9546/PCBZ Datasheet HTML 118Page - Analog Devices AD9546/PCBZ Datasheet HTML 119Page - Analog Devices AD9546/PCBZ Datasheet HTML 120Page - Analog Devices AD9546/PCBZ Datasheet HTML 121Page - Analog Devices AD9546/PCBZ Datasheet HTML 122Page - Analog Devices AD9546/PCBZ Datasheet HTML 123Page - Analog Devices AD9546/PCBZ Datasheet HTML 124Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 120 of 205
When Bit 7 is Logic 0 (default), detection of a phase step causes
only the first event to occur. By initializing a new DPLL
acquisition sequence, the DPLL can take advantage of the fast
acquisition feature (see the DPLL Fast Acquisition Options
section), assuming it is active, which is helpful for very low loop
bandwidth applications. In addition, a new acquisition manages
the impact of the phase step by either building out the phase or
slewing to the new phase in a hitless manner.
When control Bit 7 is Logic 1, detection of a phase step causes
both events to occur. Because exceeding the phase step
threshold in this case implies an external switch to a new
reference, resetting the reference monitor forces it to establish
new reference statistics (see the Reference Monitor section).
The phase transient threshold detector provides the user with a
status indicator for the occurrence of a phase step detection via
Bit 0 of Register 0x3011 and Register 0x3016 (for PLL0 and
PLL1, respectively). Because these status indicators are latched
IRQ bits, the user must clear them via Bit 0 of Register 0x200C
and Register 0x2011 (for PLL0 and PLL1, respectively) to
obtain visibility of subsequent threshold violations detected by
the phase step detector (see the Interrupt Request (IRQ)
section).
Mitigating Phase Step Limit False Positives
When enabled, the phase transient threshold detector operates
continuously while the associated reference is the active
reference for the DPLL (DPLL0 or DPLL1), assuming the DPLL
is frequency locked. As such, any phase disturbance at the input
to the phase detector, including user induced phase adjustment
per the DPLL Phase Offset Control section and the Skew
Adjustment section, is subject to violating the threshold of the
phase transient threshold detector. To mitigate false triggering
of the phase transient threshold detector (when enabled) due to
intentional phase adjustments, the user can employ the phase
slew rate limiter (see the Phase Slew Rate Limit section).
The following formula relates the maximum phase slew rate
(MPSR) assigned to the phase slew rate limiter necessary to
prevent inadvertent triggering of the phase transient threshold
detector due to a user induced phase disturbance:
MPSR ≤ (P × f)/7
(16)
where:
P is the phase transient threshold detector limit (in ps).
f is the frequency (in Hz) at the input of the DPLL phase detector.
The inequality in Equation 16 ignores other contributors to
phase error such as jitter, frequency offset, and propagation
delay variation. Because MPSR in Equation 16 constitutes an
upper limit, it is recommended to use a lower value of MPSR to
provide margin (a 25% reduction is reasonable).
If the user has advance knowledge of the timing of an external
event such as the switching of the reference input clock source
via an external mux, rather than using the phase transient step
detector, a better solution is to invalidate the associated
reference manually (see the Invalidate section of the Reference
Monitor section). Manual reference invalidation imposes the
least impact on the steady state operation of the device. The
only steady state impact is that the validation timer of the
associated reference must be set to a duration that is longer
(with suitable margin) than the duration between the assertion
of the forced fault condition and the occurrence of the external
event.
SKEW ADJUSTMENT
Skew adjustment allows the user to associate a fixed phase
offset with a reference input, which is useful in applications
with redundant GNSS or GPS reference sources, for example.
That is, a user can have two or more GNSS/GPS sources that
have identical frequency but exhibit a fixed time offset due to a
mismatch between antenna cable lengths.
To activate the skew adjustment feature, use Bits[23:0] (signed)
of the appropriate source profile at the start address shown in
Table 78 plus an offset of 14 to 16 (decimal). Bits[23:0]
constitute the phase skew value. A phase skew value of zero
(default) disables the phase skew adjustment feature, whereas a
nonzero value serves to activate the phase skew adjustment
feature and define the desired phase skew in units of ps. The
time skew associated with phase skew value is given by the
following equation:
Time Skew = Phase Skew × 10−12
(17)
For example, determine the value of phase skew bit necessary
for a time skew of –35 ns. Solving Equation 17 for phase skew
yields the following:
Phase Skew = Time Skew/10−12
= (–35 × 10−9)/10−12
= –35,000
= 0x FF 7748 (hexadecimal)
INITIAL PHASE SKEW REFINEMENT STEPS
Whenever the AD9546 performs a reference switchover, it
performs an initial assessment of the time offset between the
old and new reference. The device does not use the phase of the
new reference to determine the phase offset but compares the
time stamps of the feedback TDC with the time stamps from
the TDC of the new reference (see Figure 87). This comparison
allows the device to insert an opposing time offset into the
servo loop of the DPLL, a phase buildout operation (see the
Frequency Translation Loops section).
For a phase buildout translation loop, initial phase offset
insertion is an essential component of a reference switch over
requiring phase buildout. However, the AD9546 also supports
hitless translation profiles, for which phase buildout is not
necessary. The AD9546 has the capability of initial phase offset
insertion to build out the initial phase offset for a hitless
switchover as well. By applying phase buildout at the start of a
hitless switchover, the AD9546 can significantly reduce the
time necessary to complete a hitless switchover acquisition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com