Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 124 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 124 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 120Page - Analog Devices AD9546/PCBZ Datasheet HTML 121Page - Analog Devices AD9546/PCBZ Datasheet HTML 122Page - Analog Devices AD9546/PCBZ Datasheet HTML 123Page - Analog Devices AD9546/PCBZ Datasheet HTML 124Page - Analog Devices AD9546/PCBZ Datasheet HTML 125Page - Analog Devices AD9546/PCBZ Datasheet HTML 126Page - Analog Devices AD9546/PCBZ Datasheet HTML 127Page - Analog Devices AD9546/PCBZ Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 124 of 205
N Divider in External Zero Delay Mode
There is no internal feedback divider associated with the DPLL
in external zero delay operation because the feedback path is
external. Therefore, there is no requirement to program the
N hitless control element. However, the user must still program
N buildout to ensure proper operation of the DPLL loop filter.
Program N buildout as follows (refer to Figure 85):
N Buildout = round((2 × Q × Ry × fOUTx)/(M × fREFy)) + 1
where:
round() is a function to round the value contained within the ()
to the nearest integer.
Q is the divide ratio of the Q divider.
Ry is the divide ratio of the R divider associated with the REFy
input in Figure 85.
fOUTx is the output frequency at the OUTxyP and/or OUTxyN
output.
M is the divide ratio of the M divider.
fREFy is the frequency at the REFy input.
The calculated value of N buildout cannot be less than 1 or
greater than 1,073,741,824.
DPLL LOOP FILTER
The loop filter for DPLL0 and DPLL1 consists of a digital
infinite impulse response (IIR) filter architecture. The digital
filter is analogous to the third-order analog loop filter shown in
Figure 89, where input is on the left (from the phase detector)
and output is on the right (to the VCO).
C1
C3
R3
R2
C2
Figure 89. Third-Order Analog Loop Filter
Whereas the response of an analog loop filter is a function of
physical components subject to thermal drift and aging, the
response of a digital loop filter is a function of numeric coefficients
and is not subject to thermal drift and aging. Figure 90 is a block
diagram showing the digital loop filters and their control
elements.
For completeness, Figure 90 shows the fast acquisition control
block of the AD9546 as part of the loop filter control because
the fast acquisition feature dynamically adjusts the loop
bandwidth as part of the fast acquisition process (see the DPLL
Fast Acquisition Options section).
Generally, the response characteristics of a digital filter depend
solely on the numeric coefficients. However, the DPLL loop
filters are special in that they require additional input
parameters: a bandwidth scale factor and the numeric value of
the DPLL feedback divider (see the DPLL Feedback Divider (N
Divider) section for details). The DPLL automatically resets the
internal state of the loop filter when the loop is not active (for
example, during entry into holdover or freerun mode).
DPLL Loop Filter Base Coefficients
The response characteristic of a digital loop filter is a function of
digital coefficients. In the case of the AD9546, there are base
coefficients that establish a normalized frequency response
characteristic. The user scales the normalized response to
achieve an absolute response (see the DPLL Loop Filter
Bandwidth section).
The AD9546 allows two independent sets of base coefficients,
Loop Filter 0 (LF0) and Loop Filter 1 (LF1). Each set consists of
four coefficients: alpha, beta, gamma, and delta, where Alpha 0
associates with LF0, Alpha 1 with LF1, and so on. Each of the
four coefficients has two components: a significand and an
exponent. The user has access to the coefficients via the
addresses and bit ranges shown in Table 79.
Each DPLL has access to the LF0 and LF1 base coefficient sets,
per Figure 90. Thus, DPLL0 and DPLL1 can use either of the
base coefficient sets. The translation profiles (see the
Translation Profiles section) establish which base coefficient set
a DPLL uses. To select LF0 or LF1, use Bit 7 of the appropriate
translation profile at the start addresses shown in Table 74 plus
an offset of 3 (decimal). Logic 0 (default) selects LF0, and
Logic 1 selects LF1.
Table 79. Loop Filter Base Coefficients
Coefficient
Address Range
Bit Range
Alpha 0 Significand
0x0C00 to 0x0C01
0 to 15
Alpha 0 Exponent
0x0C02
0 to 7
Beta 0 Significand
0x0C03 to 0x0C04
0 to 15
Beta 0 Exponent
0x0C05
0 to 7
Gamma 0 Significand
0x0C06 to 0x0C07
0 to 15
Gamma 0 Exponent
0x0C08
0 to 7
Delta 0 Significand
0x0C09 to 0x0C0A
0 to 15
Delta 0 Exponent
0x0C0B
0 to 7
Alpha 1 Significand
0x0C0C to 0x0C0D
0 to 15
Alpha 1 Exponent
0x0C0E
0 to 7
Beta 1 Significand
0x0C0F to 0x0C10
0 to 15
Beta 1 Exponent
0x0C11
0 to 7
Gamma 1 Significand
0x0C12 to 0x0C13
0 to 15
Gamma 1 Exponent
0x0C14
0 to 7
Delta 1 Significand
0x0C15 to 0x0C16
0 to 15
Delta 1 Exponent
0x0C17
0 to 7
The AD9546 default settings provide values for LF0 and LF1,
resulting in a default response characteristic. The LF0 default
values yield an open-loop response characteristic with 70°
phase margin (nominal). The LF1 default values yield an open-
loop response characteristic with an 88.5° phase margin
(nominal). Furthermore, the LF1 default coefficients yield a
nearly flat closed-loop response with <0.1 dB peaking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com