Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 128 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 128 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 124Page - Analog Devices AD9546/PCBZ Datasheet HTML 125Page - Analog Devices AD9546/PCBZ Datasheet HTML 126Page - Analog Devices AD9546/PCBZ Datasheet HTML 127Page - Analog Devices AD9546/PCBZ Datasheet HTML 128Page - Analog Devices AD9546/PCBZ Datasheet HTML 129Page - Analog Devices AD9546/PCBZ Datasheet HTML 130Page - Analog Devices AD9546/PCBZ Datasheet HTML 131Page - Analog Devices AD9546/PCBZ Datasheet HTML 132Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 128 of 205
in the case of the DPLL, when programming different tuning
words, the NCO transitions from one frequency to the next
smoothly based on the programmed bandwidth of the NCO
gain tuning word filter, as shown in Figure 92 (see Table 81 for
the transition time to 99% of a step input).
DPLL LOCK DETECTORS
DPLL Phase Lock Detector
Each DPLL channel (DPLL0 and DPLL1) contains a completely
digital phase lock detector. The user controls the threshold
sensitivity and hysteresis of the phase lock detector via the
source profiles (see the Source Profiles section).
The phase lock detector indicates the phase lock status via Bit 1
of Register 0x3100 for DPLL0 and Register 0x3200 for DPLL1
(Logic 0 is unlocked and Logic 1 is locked). However, because
Bit 1 is dynamic in nature, the recommendation is to use the
interrupt request (IRQ) mechanism for phase lock indication
instead. The IRQ mechanism observes the state of Bit 1 and
latches the state transitions. Specifically, Bit 0 of Register
0x3010 for DPLL0 and Register 0x3015 for DPLL1 latches a
status change from phase unlocked to phase locked as a Logic 1.
Likewise, Bit 1 of the same registers latches a status change
from phase locked to phase unlocked as a Logic 1. Because Bit 0
and Bit 1 are latched bits, however, they may represent a
condition that is no longer true. Therefore, the user must clear
the phase locked and phase unlocked status via Bit 0 and Bit 1,
respectively, of Register 0x200B for DPLL0 and Register 0x2010
for DPLL1. Otherwise, the user may lose indication of
subsequent state transitions by the phase lock detector (see the
Interrupt Request (IRQ) section).
The phase lock detector behaves in a manner analogous to
water in a tub (see Figure 93). The total capacity of the tub
is 4096 units, with −2048 denoting empty, 0 denoting the 50%
point, and +2047 denoting full. The tub also has a safeguard to
prevent overflow. Furthermore, the tub has a low water mark
at −1025 and a high water mark at +1024. To change the water
level, the phase lock detector adds water with a fill bucket or
removes water with a drain bucket.
The user specifies the size of the fill and drain buckets via the
source profiles. To specify the phase lock fill rate, use Bits[7:0]
(unsigned integer) of the appropriate source profile at the start
address shown in Table 78 plus an offset of 3 (decimal). To
specify the phase lock drain rate use Bits[7:0] of the appropriate
source profile at the start address shown in Table 78 plus an offset
of 4 (decimal).
The water level in the tub is what the lock detector uses to
determine the lock and unlock conditions. When the water
level is below the low water mark (−1025), the lock detector
indicates an unlock condition. Conversely, when the water level
is above the high water mark (1024), the lock detector indicates a
lock condition. When the water level is between the marks, the lock
detector holds its previous condition. Figure 93 shows this
concept with an overlay of an example of the instantaneous
water level (vertical) vs. time (horizontal) and the resulting
lock/unlock states.
0
2047
–2048
1024
–1025
LOCK LEVEL
UNLOCK LEVEL
LOCKED
UNLOCKED
PREVIOUS
STATE
RATE
DRAIN RATE
Figure 93. Lock Detector Diagram
The user has access to the 12-bit (signed) instantaneous water
level value of the phase lock detector via Register 0x3109 to
Register 0x310A (DPLL0) and Register 0x3209 to Register 0x320A
(DPLL1). As shown in Figure 93, the pertinent water level
values appear along the left side of the tub.
During any given PFD phase error sample, the lock detector
either adds water with the fill bucket or removes water with the
drain bucket (one or the other, but not both). The decision of
whether to add or remove water depends on the phase lock
threshold level specified by the user via Bits[23:0] (unsigned
integer) of the appropriate source profile at the start address
shown in Table 78 plus an offset of 0 to 2 (decimal). The value
of Bits[23:0] is the desired threshold in picoseconds. Thus, the
phase lock threshold extends from 0 ps to 16.7 µs and
represents the phase error at the output of the PFD. Though the
programming range supports 0 ps as a lower limit, in practice,
the minimum value must be greater than 50 ps.
The phase lock detector compares the absolute value of each
phase error sample at the output of the PFD to the programmed
phase threshold value. If the absolute value of the phase error
sample is less than or equal to the programmed phase threshold
value, the detector control logic adds one fill bucket into the
tub. Otherwise, the detector control logic removes one drain
bucket from the tub. The magnitude of the phase error sample
(polarity is ignored), relative to the phase threshold value,
determines whether to fill or drain the bucket.
Regarding the fill and drain process, an exception to normal
operation occurs when the phase slew limiter is active. When
the phase slew limiter is actively in the limiting process, the lock
detector inhibits fill events, allowing only drain events to occur.
When more filling is taking place than draining, the water level
in the tub eventually rises above the high water mark (1024),
which causes the lock detector to indicate lock. When more
draining is taking place than filling, the water level in the tub
eventually falls below the low water mark (−1024), which
causes the lock detector to indicate unlock. The ability to
specify the threshold level, fill rate, and drain rate enables the
user to tailor the operation of the lock detector to the statistics
of the timing jitter associated with the input reference signal.
Note that, for debug purposes, the user can make the fill or
drain rate zero to force the lock detector to indicate a lock or
unlock state, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com