Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 126 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 126 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 122Page - Analog Devices AD9546/PCBZ Datasheet HTML 123Page - Analog Devices AD9546/PCBZ Datasheet HTML 124Page - Analog Devices AD9546/PCBZ Datasheet HTML 125Page - Analog Devices AD9546/PCBZ Datasheet HTML 126Page - Analog Devices AD9546/PCBZ Datasheet HTML 127Page - Analog Devices AD9546/PCBZ Datasheet HTML 128Page - Analog Devices AD9546/PCBZ Datasheet HTML 129Page - Analog Devices AD9546/PCBZ Datasheet HTML 130Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 126 of 205
Table 80. Maximum DPLL Loop Filter Bandwidth
NCO Gain Filter
Bandwidth
Selection
LF0 Maximum
Loop Bandwidth
(Hz)
LF1 Maximum
Loop Bandwidth
(Hz)
0
1850
305
1
925
152.5
2
462.5
76.3
3
231.3
38.1
4
115.6
19.1
5
57.81
9.53
6
28.91
4.77
7
14.45
2.38
8
7.227
1.191
9
3.613
0.596
10
1.807
0.298
11
0.9033
0.149
12
0.4517
0.745
13
0.2258
0.037
14
0.1219
0.019
15
0.0565
0.009
DPLL NCO
The DPLL NCO requires an external clock source. In the case
of the AD9546, the external clock source drives the XOA and
XOB input pins, from which an integrated PLL synthesizer
generates a clock signal that is approximately 2.4 GHz.
The DPLL normally operates in closed-loop fashion (that is, as
a PLL), which is the normal operating mode, wherein the loop
filter is the FTW source for the NCO. However, under certain
conditions, the DPLL operates in an open-loop configuration.
Figure 91 differentiates between the two configurations by
means of a switch. A loop controller determines whether the
DPLL is in closed-loop operation (switch closed) or open-loop
operation (switch open), while an FTW processor determines
the FTW source for the NCO.
DIGITAL
PHASE
DETECTOR
DIGITAL
LOOP
FILTER
SYSTEM
CLOCK
NUMERIC
COEFFICIENTS
NCO
LOCK
DETECTORS
FTW
PROCESSOR
46
LOOP
CONTROLLER
XOA XOB
AD9546
TDC
TDC
48-BIT
FTW
FREERUN
TUNING WORD
DIGITAL CROSS
POINT MUX
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
2. REGISTER ADDRESSES ARE SPECIFIC TO DPLL0
N DIVIDER
REG 0x1005 TO 0x1000,
BITS[45:0]
Figure 91. DPLL Block Diagram
Figure 91 also shows the lock detectors (see the DPLL Lock
Detectors section). For details on the feedback divider, see the
DPLL Feedback Divider (N Divider) section. For clarity, Figure 91
also shows the digital cross point mux and TDCs that feed the
digital phase detector. The TDCs convert the rising edges of the
input and feedback signals to numeric time stamps (see the
Time to Digital Converter (TDC) section for details).
Although Figure 91 shows the N divider connected directly to
the NCO output, this diagram is a simplification of the actual
feedback path (see Figure 82 in the Frequency Translation
Loops section). However, regarding the operation and control
of the DPLL, this simplification is valid in the context of the
following paragraphs.
Frequency tuning of the DPLL is by virtue of an NCO, which
employs a sigma-delta modulator (SDM) architecture. The
SDM has an internal integer divider that divides down the
system clock frequency with the output of the divider
constituting the output of the NCO. The SDM effectively
modulates the modulus of this divider to produce an output
frequency that is a fractionally scaled down version of the
system clock frequency based on an input 48-bit FTW. Because
the NCO is SDM-based, it employs noise shaping that
redistributes its modulation noise away from the NCO output
frequency (the APLL, which follows the DPLL, suppresses the
out of band modulation noise of the SDM).
The output frequency of the NCO (fNCO) depends primarily on
the numeric value of the 48-bit FTW and the frequency of the
system clock (fS) per the following equation:
fNCO = fS × FTW/248
For a given fS and a desired fNCO, compute FTW as
FTW = round(248 × fNCO/fS)
(18)
where round(x) is a function to round x to the nearest integer.
The NCO automatically converts the 48-bit FTW into two
components: an integer part (INT) and a fractional part
(FRAC). INT and FRAC relate to FTW as
INT = floor(248/FTW)
(19)
FRAC = 2−40 × round(240 × ((248/FTW) − INT))
(20)
where:
7 ≤ INT ≤ 13.
0.05 ≤ FRAC ≤ 0.95.
floor(x) is a function that leaves x unchanged if x is an integer.
Otherwise, x becomes the nearest integer in the negative
direction.
The constraints on INT and FRAC necessarily impose
limitations on the choice of FTW. For example, let fS =
2.30 GHz and fNCO = 245.76 MHz, which yields (per
Equation 18).
FTW = 30,076,213,163,657
Then, per Equation 19 and Equation 20,
INT = 9
FRAC = 0.35872395833303016843274235725403
In this case, INT and FRAC satisfy their defined constraints.
Although the preceding example validates FTW for the given fS
and fNCO, the example does not necessarily validate FTW for a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com