Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 123 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 123 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 119Page - Analog Devices AD9546/PCBZ Datasheet HTML 120Page - Analog Devices AD9546/PCBZ Datasheet HTML 121Page - Analog Devices AD9546/PCBZ Datasheet HTML 122Page - Analog Devices AD9546/PCBZ Datasheet HTML 123Page - Analog Devices AD9546/PCBZ Datasheet HTML 124Page - Analog Devices AD9546/PCBZ Datasheet HTML 125Page - Analog Devices AD9546/PCBZ Datasheet HTML 126Page - Analog Devices AD9546/PCBZ Datasheet HTML 127Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 123 of 205
DPLL FEEDBACK DIVIDER (N DIVIDER)
The DPLL feedback N divider consists of user-programmable
integer part and fractional part. The fractional part, however, is
only available in buildout mode (see the Frequency Translation
Loops section).
Rather than offering direct programming control of the
N divider, the AD9546 makes use of translation profiles (see the
Translation Profiles section). Within each translation profile,
the following four control elements are associated with the N
divider:
•
Buildout N divider integer part (N buildout)
•
Hitless N divider integer part (N hitless)
•
Buildout fractional multiplier (FRAC)
•
Buildout fractional modulus (MOD)
N buildout and N hitless are 32-bit, unsigned integers (only
Bits[29:0] are meaningful because Bits[31:30] must be zero).
FRAC and MOD are 24-bit, unsigned integers.
There are 12 occurrences of the four control elements
coinciding with the 12 translation profiles. Table 74 in the
Frequency Translation Loops section shows the address ranges
associated with the 12 translation profiles. Note that there are
constraints on programming the N divider, as described in the
Frequency Translation Loops section.
N Divider for Phase Buildout Mode
In phase buildout mode, the N divider divide ratio consists of
an integer and fractional part, as follows:
N divider divide ratio = (N buildout + 1) + FRAC/MOD
To program the value of N buildout, use Bits[31:0] (unsigned)
of the appropriate translation profile at the start address shown
in Table 74 plus an offset of 12 to 15 (decimal). The programmed
value of N buildout constitutes one less than the desired integer
part of the divide ratio. That is, an N buildout value of 0
constitutes an integer divide ratio of 1. Therefore, N buildout
provides integer divide ratios from 1 to 230 (1,073,741,824).
For example, for an N divider divide ratio 1,000,000,
N buildout = 999,999 (0x 000F 423F hexadecimal).
Note that changing the value of N buildout or MOD in a
currently active translation profile causes the associated DPLL
to reacquire its reference input signal. However, the DPLL can
accommodate on-the-fly changes to the FRAC value without
causing a reacquisition.
When the desired N divider divide ratio requires a fractional
component, the FRAC and MOD control elements are
necessary. To program the value of FRAC, use Bits[23:0]
(unsigned) of the appropriate translation profile at the start
address shown in Table 74 plus an offset of 16 to 18 (decimal).
To program the value of MOD, use Bits[23:0] (unsigned) of the
appropriate translation profile at the start address shown in
Table 74 plus an offset of 19 to 21 (decimal).
For the special case of FRAC = 0, the user must also program
MOD = 0 to ensure proper device functionality. Furthermore,
the value of FRAC must be less than the value of MOD.
For phase buildout applications that require the N divider to be
integer only, program MOD = 0.
For example, suppose the desired fractional part of the N divider
divide ratio is 0.387429. Then, the corresponding fraction is
FRAC/MOD = 387,429/1,000,000. Generally, the user reduces
the fraction, FRAC/MOD, to its lowest terms, but in this
example, the fraction is irreducible. Therefore, FRAC = 387,429
(0x 0005 E965 hexadecimal) and MOD = 1,000,000 (0x 000F
4240 hexadecimal).
N Divider in Internal Zero Delay Mode
When operating in zero delay (hitless) mode, the AD9546
behaves like an Integer N PLL. Thus, the N divider divide ratio
must be an integer (that is, no fractional part). As such, the
AD9546 ignores the FRAC and MOD control elements when
operating in zero delay mode.
Note that zero delay operation makes use of a different integer
part N divider control element than buildout operation. Thus,
zero delay operation requires programming of N hitless rather
than N buildout. To program the value of N hitless, use
Bits[31:0] (unsigned) of the appropriate translation profile at
the start address shown in Table 74 plus an offset of 8 to 11
(decimal). The programmed value of N hitless constitutes one
less than the desired divide ratio. That is, an N hitless value of 0
constitutes an integer divide ratio of 1. Therefore, N hitless
provides integer divide ratios from 1 to 230 (1,073,741,824).
Note that operating in zero delay (hitless) mode still requires
the user to program N buildout to ensure proper operation of
the DPLL loop filter. However, the value of N buildout is not
the same as N hitless. For internal zero delay operation,
N buildout relates to N hitless per the following (rounded to the
nearest integer):
N Buildout = N Hitless × 2 × Q/M
where:
Q is the divide ratio of the Q divider.
M is the divide ratio of the M divider (see Figure 82).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com