Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 134 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 134 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 130Page - Analog Devices AD9546/PCBZ Datasheet HTML 131Page - Analog Devices AD9546/PCBZ Datasheet HTML 132Page - Analog Devices AD9546/PCBZ Datasheet HTML 133Page - Analog Devices AD9546/PCBZ Datasheet HTML 134Page - Analog Devices AD9546/PCBZ Datasheet HTML 135Page - Analog Devices AD9546/PCBZ Datasheet HTML 136Page - Analog Devices AD9546/PCBZ Datasheet HTML 137Page - Analog Devices AD9546/PCBZ Datasheet HTML 138Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 134 of 205
PHASE SLEW RATE LIMIT
The digital phase detector uses the reference and feedback
TDCs to determine the associated phase error and pass the
error along to the loop filter. In addition to the loop phase
error, however, other types of phase information can appear in
the loop, for example, phase offsets originating from any of the
following:
Changes to the DPLL phase offset (see the DPLL Phase
Offset Control section)
Changes to the phase skew offset (see the Source Profiles
section)
From the delay compensation block (see the Delay
Compensation section)
As the result of a phase buildout operation (see the Phase
Buildout Mode section)
For certain phase sources, the DPLL provides a phase slew rate
limiting function (see Figure 96) that places an upper bound on
the rate of change of phase passed along to the loop filter. The
phase slew rate limiter mitigates the adverse effects of injecting
a large phase step into the loop by converting the phase step to
a phase ramp with the maximum slope set by the user.
The phase slew rate limiter operates only on phase transients
introduced by the following phase sources:
DPLL phase offset (see the DPLL Phase Offset Control
section)
Phase skew offset (see the Source Profiles section)
Initial phase correction due to activating a hitless mode
translation profile (see the Translation Modes section)
That is, the DPLL only applies phase slew limiting under two
conditions. The first is a phase offset that exists at the start of a
reference acquisition. The second is phase offsets introduced by
the user via the DPLL phase offset feature and the phase skew
offset feature.
To set the phase slew limit rate, use Bits[31:0] (unsigned) in
Register 0x1011 to Register 0x1014 (for DPLL0) and
Register 0x1411 to Register 0x1414 (for DPLL1), which constitutes
the phase slew limit value. The DPLL phase slew limit value has
units of ps/sec or 10−12, but accuracy is typically limited to
approximately 50 ps/sec.
The phase slew rate limit feature is active for all DPLL phase
slew limit values except zero, which disables the phase slew rate
limiter (disabling the phase slew rate limiter is not recommended).
However, there is little reason to disable the rate limiter. Instead,
programming the rate limiter to the maximum value imposes a
slew rate limit corresponding to a frequency shift in excess of
4000 ppm. Most applications do not experience frequency
transients exceeding 4000 ppm. The DPLL phase slew limit default
value establishes a phase slew rate limit of 100,663,296 ps/sec
(which equates to a maximum frequency shift of approximately
100 ppm).
The relationship between the desired phase slew rate limit, Δt/t,
and the value of the DPLL phase slew limit value is as follows:
DPLL Phase Slew Limit Value = (Δt/t) × 1012
For example, given a desired upper bound to the rate of change
of phase (Δt/t) of 0.25 ppm (2.5 × 10−7), find the required DPLL
phase slew limit value as follows:
DPLL Phase Slew Limit Value = (Δt/t) × 1012
= (2.5 × 10−7) × 1012
= 250,000
= 0x 0003 D090 (hexadecimal)
When the phase slew limiter is actively limiting the rate of
change of phase, status Bit 2 (DPLL phase slew limiting) is
Logic 1 of Register 0x3102 (for DPLL0) or Register 0x3202 (for
DPLL1). Bit 2 relates to the IRQ function (see the Interrupt
Request (IRQ) section) through Bit 4 (DPLL phase slew limiter
active) and D5 (DPLL phase slew limiter inactive) in Register
0x3010 (for DPLL0) and Register 0x3015 (for DPLL1). Because
Bit 4 and Bit 5 are latched, the user must use Bit 4 and Bit 5,
respectively, of Register 0x200B (for DPLL0) and Register
0x2010 (for DPLL1) to clear the latched state. Otherwise, the user
cannot observe subsequent state transitions of Bit 2.
DIGITAL
PHASE
DETECTOR
DIGITAL
LOOP
FILTER
SYSTEM
CLOCK
NUMERIC
COEFFICIENTS
NCO
LOCK
DETECTORS
FTW
PROCESSOR
46
32
LOOP
CONTROLLER
XOA XOB
AD9546
TDC
TDC
48-BIT
FTW
FREERUN TUNING WORD
DIGITAL CROSS
POINT MUX
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
2. REGISTER ADDRESSES ARE SPECIFIC TO DPLL0
N DIVIDER
REG 0x1005 TO 0x1000, BITS[45:0]
REG 0x1014 TO 0x1011, BITS[31:0]
Figure 96. Phase Slew Rate Limit Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com