Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 138 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 138 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 134Page - Analog Devices AD9546/PCBZ Datasheet HTML 135Page - Analog Devices AD9546/PCBZ Datasheet HTML 136Page - Analog Devices AD9546/PCBZ Datasheet HTML 137Page - Analog Devices AD9546/PCBZ Datasheet HTML 138Page - Analog Devices AD9546/PCBZ Datasheet HTML 139Page - Analog Devices AD9546/PCBZ Datasheet HTML 140Page - Analog Devices AD9546/PCBZ Datasheet HTML 141Page - Analog Devices AD9546/PCBZ Datasheet HTML 142Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 138 of 205
The DPLL pause history while frequency unlocked bit is Bit 1
of Register 0x100F (for DPLL0) and Register 0x140F (for
DPLL1). Programming Bit 1 = 1 pauses or resets the averaging
processor while the DPLL is not frequency locked.
The DPLL pause history while phase slew limiting bit is Bit 2 of
Register 0x100F (for DPLL0) and Register 0x140F (for DPLL1).
Programming Bit 2 = 1 pauses or resets the averaging processor
while the phase slew limiter is slew limiting (see the Phase Slew
Rate Limit section).
The user can set any combination of these bits. Unlike the
averaging processor delay bits, however, when more than one
of these bits are Logic 1, the implementation of the delay
behaves as an OR function of the selected conditions. That is,
satisfying any of the selected status conditions causes the
averaging processor to reset or pause.
DELAY COMPENSATION
Overview
Delay compensation provides an automatic phase offset to the
DPLL to counteract temperature dependent delay variation.
Figure 97 is a block diagram of the DPLL and delay compensation
block. Delay compensation is only in effect while the DPLL is
active. Furthermore, the response time of the delay
compensation at the DPLL output is subject to the loop
bandwidth of the DPLL.
Delay compensation generates the temperature dependent time
offset value, Δt, based on a fifth degree polynomial, as shown in
Figure 97. The independent variable of the polynomial is
temperature (T in Figure 97). The five polynomial coefficients
(C1 to C5), which the user enters via the register map, scale with
corresponding powers of T. Note that there is no need for a
constant term (C0) in the delay compensation block, because the
DPLL phase offset feature (see the DPLL Phase Offset Control
section) provides that function. The Δt computation implied by
Figure 97 is
5
1
k
k
k
t
CT
=
∆=
∑
The temperature (T) input into the open-loop direct compensation
block originates from temperature sensor circuitry (see the
Temperature Sensor section). The user has the option of choosing
the temperature source: either the internal temperature sensor
(default) or a user supplied temperature via the register map.
When using the internal temperature sensor, the device
inherently uses the appropriate scaling units. However, when
using the register map option, the user must provide the proper
scaling (see the External Temperature Source section for
details).
DIGITAL
PHASE
DETECTOR
DIGITAL
LOOP
FILTER
DPLL0 PHASE
OFFSET
SYSTEM
CLOCK
NUMERIC
COEFFICIENTS
NCO
LOCK
DETECTORS
FTW
PROCESSOR
46
40
LOOP
CONTROLLER
XOA XOB
AD9546
TDC
48-BIT
FTW
FREERUN TUNING WORD
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
2. REGISTER ADDRESSES ARE SPECIFIC TO DPLL0
N DIVIDER
T
FILTER
3
DELAY COMPENSATION
Δt
16
TDC
T4
T5
T3
T2
C5
C4
C3
C2
C1
REG 0x1029, BITS[2:0]
REG 0x1019 TO 0x1015, BITS[39:0]
REG 0x1005 TO 0x1000, BITS[45:0]
Figure 97. Delay Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com