Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 139 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 139 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 135Page - Analog Devices AD9546/PCBZ Datasheet HTML 136Page - Analog Devices AD9546/PCBZ Datasheet HTML 137Page - Analog Devices AD9546/PCBZ Datasheet HTML 138Page - Analog Devices AD9546/PCBZ Datasheet HTML 139Page - Analog Devices AD9546/PCBZ Datasheet HTML 140Page - Analog Devices AD9546/PCBZ Datasheet HTML 141Page - Analog Devices AD9546/PCBZ Datasheet HTML 142Page - Analog Devices AD9546/PCBZ Datasheet HTML 143Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 139 of 205
Delay Compensation Coefficients (Ck) Programming
Coefficient Ck (where k = 1 to 5) applies scale factors to the
appropriate powers of T. The Ck coefficients carry units of
sec/°C. Each coefficient comprises a significand component and
an exponent component. The user programs the significand
and exponent components independently in the register map.
The coefficient components reside in the register map per
Table 84.
Table 84. Delay Compensation Coefficient Address Ranges
Register Address
DPLL
Coefficient
Significand
Exponent
0
C1
0x101A to 0x101B
0x101C
0
C2
0x101D to 0x101E
0x101F
0
C3
0x1020 to 0x1021
0x1022
0
C4
0x1023 to 0x1024
0x1025
0
C5
0x1026 to 0x1027
0x1028
1
C1
0x141A to 0x141B
0x141C
1
C2
0x141D to 0x141E
0x141F
1
C3
0x1420 to 0x1421
0x1422
1
C4
0x1423 to 0x1424
0x1425
1
C5
0x1426 to 0x1427
0x1428
The significand and exponent values are signed (twos
complement) numbers and program in exactly the same manner
as the significand and exponent of the Tk values for system
clock compensation (see the Compensation Method 1 section
for details on converting decimal coefficient values to signed,
twos complement, significand and exponent values).
For example, suppose a user makes measurements that indicate
the output clock signals of the AD9546 exhibit a delay variation
of −1 ns/°C. To compensate for this variation, apply a 1 ns/°C
correction. In polynomial form,
f(T) = C5
T5 + C4T4 + C3T3 + C2T2 + C1T
where f(T) is the correction value in units of seconds as a
function of temperature (T).
Because the delay variation in this example is strictly linear with
respect to temperature, all the coefficients are zero except for
C1. Thus, in this example, the compensation polynomial
simplifies to the following:
f(T) = C1
T
To apply 1 ns/°C compensation, C1 = 10−9 sec/°C. Referring to
the procedure in the Compensation Method 1 section, calculate
the following for C1:
C1_ExpVal =
1
2
log
|
C
|
log
1
+
=
1
2
log
|
10
|
log
-9
+
= −29
Because −29 is greater than the quantization limit of −127, the
C1 exponent is
C1 Exponent = C1_ExpVal
= −29
= 0xE3 (hexadecimal)
The C1 significand is
C1 Significand = C1 × 215 − C1_ExpVal
= 10−9 × 215 − (−29)
= 17,592 (nearest integer)
= 0x44B8 (hexadecimal)
Delay Compensation Filter
The Δt values produced by the delay compensation block depend
on temperature measurements (internal or via the register map)
as an input parameter. Any noise associated with those
measurements is a potential noise source on Δt, which can lead
to a degradation of the phase noise performance of the DPLL.
To mitigate potential noise injection, the delay compensation
block uses a filter that applies a smoothing function to the raw
Δt values.
The phase slew limiter (see the Phase Slew Rate Limit section)
does not process time variations injected into the DPLL by the
delay compensation filter. That is, these variations affect the
DPLL output without intervention by the phase slew limiter.
The user controls the filter bandwidth via Bits[2:0] (unsigned)
of Register 0x1029 (for DPLL0) and Register 0x1429 (for
DPLL1). The filter comprises a single-pole response yielding a 3
dB bandwidth per Table 85 (which also shows the transition
time to 99% of a step input, associated with a step change at the
input to the filter).
Table 85. Delay Compensation Filter Bandwidth
Bits[2:0]
3 dB Bandwidth (Hz)
Transition Time (ms)
000
240
3.27
001
120
6.58
010
60
13.0
011
30
26.5
100
15
53.1
101
7.6
99.5
110
3.8
199
111
1.9
398



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com