Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 141 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 141 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 137Page - Analog Devices AD9546/PCBZ Datasheet HTML 138Page - Analog Devices AD9546/PCBZ Datasheet HTML 139Page - Analog Devices AD9546/PCBZ Datasheet HTML 140Page - Analog Devices AD9546/PCBZ Datasheet HTML 141Page - Analog Devices AD9546/PCBZ Datasheet HTML 142Page - Analog Devices AD9546/PCBZ Datasheet HTML 143Page - Analog Devices AD9546/PCBZ Datasheet HTML 144Page - Analog Devices AD9546/PCBZ Datasheet HTML 145Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 141 of 205
CASCADED DPLL CONFIGURATION
The cascaded DPLL configuration applies to applications that
lock both DPLLs to the same reference source with both DPLLs
remaining phase locked, even if all reference sources are lost. To
understand cascaded configurations, first consider device
operation without cascaded capability, as shown in Figure 98.
As a prerequisite, the reader must be familiar with the
Translation Profiles section and the Reference Switching
section. Figure 98 and Figure 99 show simplistic diagrams of
the DPLL showing a phase buildout configuration, but the zero
delay (hitless) configuration is valid as well.
The far left side of Figure 98 shows two valid reference sources
with DPLL0 and DPLL1 using Translation Profile 0.a and
Translation Profile 1.z, respectively, assigned to Reference
Source 1, where a and z are variables that can be any integer
value from 0 to 5. Therefore, both DPLLs lock to a common
reference as desired.
The middle portion of Figure 98 shows the result of losing
Reference Source 1. The loss of Reference Source 1 results in
both DPLLs independently searching for a new reference
source, assuming automatic reference switching is in effect (see
the Reference Switching section). Presumably, the user has
defined translation profiles in such a way that DPLL0 finds
Translation Profile 0.b and DPLL1 finds Translation Profile 1.y
(where b and y are variables that can be any integer value from
0 to 5, but not the same value as the a and z variables) with both
profiles assigning the same valid reference source (Reference
Source 2, in this example). As such, both DPLLs again lock to a
common reference as desired.
The far right hand side of Figure 98 shows the result of losing
Reference Source 2, leaving no valid reference sources. In this
case, both DPLLs have no recourse but to switch to holdover or
freerun mode. However, because the DPLLs may not have the
same FTW in effect when they switch to holdover or freerun
mode, their outputs are no longer phase locked, which breaks
the original requirement that both DPLLs remain phase locked
when all reference sources are lost. The cascaded configuration
provides a solution to this problem.
DIGITAL
CROSS
POINT
MUX
TDC
2
REFERENCE
SOURCES
TO
APLL0
PFD
LF
NCO
N
DPLL0
PFD
LF
NCO
N
DPLL1
TO
APLL1
REFERENCE
SOURCE 1
LOST
TO
APLL0
NCO
NCO
TO
APLL1
FTW
FTW
TRANSLATION
PROFILE 0.a
TRANSLATION
PROFILE 1.z
TO
APLL0
PFD
LF
NCO
N
DPLL0
PFD
LF
NCO
N
DPLL1
DPLL0
DPLL1
TO
APLL1
TRANSLATION
PROFILE0.b
TRANSLATION
PROFILE 1.y
ALL
REFERENCE
SOURCES
LOST
DIGITAL
CROSS
POINT
MUX
DIGITAL
CROSS
POINT
MUX
BOTH DPLLS SWITCH TO
HOLDOVER/FREERUN
TRANSLATION PROFILE 0.a AND
TRANSLATION PROFILE 1.z ASSIGN
REFERENCE SOURCE 1
TRANSLATION PROFILE 0.b AND
TRANSLATION PROFILE 1.y ASSIGN
REFERENCE SOURCE 2
TDC
2
REFERENCE
SOURCES
TDC
1
Figure 98. Noncascaded DPLL Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com