Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 145 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 145 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 141Page - Analog Devices AD9546/PCBZ Datasheet HTML 142Page - Analog Devices AD9546/PCBZ Datasheet HTML 143Page - Analog Devices AD9546/PCBZ Datasheet HTML 144Page - Analog Devices AD9546/PCBZ Datasheet HTML 145Page - Analog Devices AD9546/PCBZ Datasheet HTML 146Page - Analog Devices AD9546/PCBZ Datasheet HTML 147Page - Analog Devices AD9546/PCBZ Datasheet HTML 148Page - Analog Devices AD9546/PCBZ Datasheet HTML 149Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 145 of 205
APLL FEEDBACK DIVIDER (M DIVIDER)
The user programs the APLL feedback M divider via Bits[7:0] in
Register 0x1081 (for APLL0) and Register 0x1481 (for APLL1).
The divide ratio of the M divider is the decimal value of
Bits[7:0], yielding divide ratios from 1 to 255. A value of 0 is the
same as 1.
For example, given a desired divide ratio of 27, program
Bits[7:0] = 27 (decimal) or 0x1B (hexadecimal).
PHASE FREQUENCY DETECTOR (PFD)
The PFD detects the instantaneous phase error between the
feedback signal from the M divider and the output from the
DPLL. The phase error essentially drives the servo loop of the
APLL in a manner that ultimately nulls out the phase difference
between the two signals. The PFD bandwidth is wide enough to
handle signals originating from the NCO of the DPLL (up to
~350 MHz nominal).
The APLLs incorporate lock detection circuitry that indicates
when they achieve a frequency locked condition. Locked status
indication is available via Bit 3 of Register 0x3100 (for APLL0)
and Register 0x3200 (for APLL1), where Logic 1 indicates
locked status. Bit 3 is also available as a physical output signal
via an appropriately configured Mx pin.
The IRQ section of the register map provides latched status bits
reflecting state transitions of the lock detector status via
Bits[3:2] of Register 0x3014 (for APLL0) and Register 0x3019 (for
APLL1). Bit 2 latches to Logic 1 on an unlocked to locked state
transition, whereas Bit 3 latches to Logic 1 on a locked to
unlocked state transition. Because Bit 2 and Bit 3 are latched
bits, the user must clear Bit 2 and Bit 3 via Bit 2 and Bit 3,
respectively, of Register 0x200F (for APLL0) and Register
0x2014 (APLL1). Otherwise, the user may lose indication of
subsequent state changes of the lock detector.
CHARGE PUMP
The charge pump consists of a pair of constant current sources
that deliver charge to or remove charge from the loop filter
based on the output of the phase detector. The transfer of
charge increases or decreases the voltage applied to the VCO,
which steers the VCO frequency to match the input frequency
and ultimately bring about a phase locked condition.
The charge pump has two operating modes, manual and
automatic, selectable via Bit 7 of Register 0x1080 (for APLL0)
and Register 0x1480 (for APLL1). Logic 1 (default) selects
manual mode, whereas Logic 0 selects automatic mode.
In manual mode, the user programs the charge pump current via
Bits[6:0] (unsigned) of Register 0x1080 and Register 0x1480.
The actual charge pump current (ICP) relates to Bits[6:0] (charge
pump scale) as follows:
ICP = Charge Pump Scale × 8 µA
(23)
ICP has a range of 0 µA to 1016 µA. The default value of
Bits[6:0] is 0x14 (20 decimal), which yields ICP = 160 µA.
For example, given ICP = 743 µA, determine the charge pump scale
value. Solving Equation 23 for the charge pump scale yields
Charge Pump Scale = ICP/8 µA
= 743 µA/8 µA
= 93 (nearest integer)
= 0x5D (hexadecimal)
In automatic mode, the charge pump current scale value is
ineffective. Instead, the APLL automatically adjusts the charge
pump current (ICP) based on the value of the M divider
according to Table 88. This automatic adjustment yields a
relatively constant loop bandwidth for M divider values from
1 to 63. The loop bandwidth is ~250 kHz for APLL0 and
~300 kHz for APLL1. Note that automatic charge pump control is
only valid over a subset of M divider values. Given this
constraint, it is generally best practice to avoid automatic mode.
Table 88. APLL Charge Pump Current in Automatic Mode
M Divider Value
ICP (µA)
1 to 63
M × 16
64 to 255
1016
Regardless of the operating mode (manual or automatic), the
charge pump has a provision for applying a constant dc offset
current to the output of the charge pump. Injection of an offset
current overcomes some of the spectral artifacts associated with
charge pump nonlinearity when the APLL is in a locked state.
Generally, noise performance improves significantly when this
feature is active and properly adjusted.
To enable or disable the dc offset current feature, use Bit 0 of
Register 0x1083 (for APLL0) and Register 0x1483 (for APLL1).
Logic 1 (default) enables this feature, whereas Logic 0 disables it.
To control the polarity (positive or negative) of the offset current,
use Bit 3 of Register 0x1083 (for APLL0) and Register 0x1483
(for APLL1). Logic 0 (default) is positive, whereas Logic 1 is
negative. The magnitude of the offset current depends on the
value of Bits[2:1] (unsigned) of Register 0x1083 (for APLL0)
and Register 0x1483 (for APLL1). The value of this bit field sets
the dc offset current as a fraction of ICP per Table 89, but with a
granularity of 8 µA. Thus, the offset current is in integer steps of
8 µA, with fractions of an 8 µA step rounded in the direction of
zero (that is, −53 µA rounds to −48 µA).
Table 89. APLL Charge Pump DC Offset Current
Bits[2:1] (Decimal)
DC Offset Current (% of ICP)
0
50
1
25 (default)
2
12.5
3
6.25
In general, the default values of the dc offset current and charge
pump scale yield optimal overall performance. For this reason, the
recommendation is to use only the manual charge pump mode
(refer to the Charge Pump section regarding manual charge
pump mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com