Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 149 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 149 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 145Page - Analog Devices AD9546/PCBZ Datasheet HTML 146Page - Analog Devices AD9546/PCBZ Datasheet HTML 147Page - Analog Devices AD9546/PCBZ Datasheet HTML 148Page - Analog Devices AD9546/PCBZ Datasheet HTML 149Page - Analog Devices AD9546/PCBZ Datasheet HTML 150Page - Analog Devices AD9546/PCBZ Datasheet HTML 151Page - Analog Devices AD9546/PCBZ Datasheet HTML 152Page - Analog Devices AD9546/PCBZ Datasheet HTML 153Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 149 of 205
Active Profile
When the DPLL selects a specific translation profile, whether
manually or automatically, the selected profile becomes active.
When a translation profile is active, the corresponding bit is
Logic 1 in Register 0x3009 (DPLL0) or Register 0x300A
(DPLL1). Bits[5:0] associate with Translation Profile x.5
through Translation Profile x.0, respectively, where x = 0 or 1.
The IRQ status section of the register map indicates Logic 0 to
Logic 1 transitions of Bits[5:0] of Register 0x3013 (DPLL0) and
Register 0x3018 (DPLL1). Because the IRQ bits are latched bits,
the user must clear them via Bits[5:0] of Register 0x200E (DPLL0)
and Register 0x2013 (DPLL1) to obtain visibility of subsequent
Logic 0 to Logic 1 transitions of Bits[5:0] in Register 0x3009
(DPLL0) and Register 0x300A (DPLL1) (see the Interrupt
Request (IRQ) section).
An active translation profile is not the same as a valid translation
profile. That is, a profile can be valid without being active.
When all translation profiles for a particular DPLL are inactive, the
user can find the most recently active profile via Bits[6:4] of
Register 0x3101 (DPLL0) and Register 0x3201 (DPLL1). The
value of Bits[6:4] corresponds to the most recently active
profile. If a translation profile is currently active (as indicated
by Bits[5:0] in Register 0x3009 and Register 0x300A), the value
of Bits[6:4] in Register 0x3101 (DPLL0) and Register 0x3201
(DPLL1) identify the currently active profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com