Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 188 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 188 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 184Page - Analog Devices AD9546/PCBZ Datasheet HTML 185Page - Analog Devices AD9546/PCBZ Datasheet HTML 186Page - Analog Devices AD9546/PCBZ Datasheet HTML 187Page - Analog Devices AD9546/PCBZ Datasheet HTML 188Page - Analog Devices AD9546/PCBZ Datasheet HTML 189Page - Analog Devices AD9546/PCBZ Datasheet HTML 190Page - Analog Devices AD9546/PCBZ Datasheet HTML 191Page - Analog Devices AD9546/PCBZ Datasheet HTML 192Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 188 of 205
Register Transfer Instructions (0x00 to 0x7F)
Instructions with a hexadecimal value from 0x00 through 0x7F
prescribe a register transfer operation. Register transfer
instructions require a 2-byte suffix, which constitutes the
starting address of the AD9546 register targeted for transfer
(where the first byte to follow the data instruction is the most
significant byte of the register address). When the EEPROM
controller encounters a data instruction, it knows to interpret
the next two bytes as the register map target address.
The value of the register transfer instruction encodes the
payload length (number of bytes). That is, the EEPROM
controller knows how many register bytes to transfer to and
from the indicated register by adding 1 to the instruction value.
For example, Data Instruction 0x1A has a decimal value of 26.
Therefore, the controller knows to transfer 27 bytes (one more
than the value of the instruction) to the target register for a load
operation or from the target register for a save operation.
IO Update Instruction (0x80)
When the EEPROM controller encounters an IO update
instruction during an upload sequence, it stores the instruction
in EEPROM. When encountered during a download sequence,
however, the EEPROM controller initiates an IO update event,
which is equivalent to the user asserting Bit 0 of Register 0x000F
(IO update).
Device Action Instructions (0x90 to 0xA2)
When the EEPROM controller encounters a device action
instruction during an upload sequence, it stores the instruction
in EEPROM. When encountered during a download sequence,
however, the EEPROM controller executes the specified action
per Table 109.
Conditional Instructions (0xB0 to 0xBF)
The conditional instructions allow conditional execution of
EEPROM instructions during a download sequence. During an
upload sequence, however, they are stored as is and have no
effect on the upload process.
Conditional processing makes use of four elements:
•
The conditional instruction
•
The condition value
•
The condition ID
•
The condition map
Conditional Instruction
When encountering a conditional instruction during an upload
sequence, the EEPROM controller stores the instruction in the
EEPROM. When the EEPROM controller detects a conditional
instruction during a download sequence, the instruction affects
the condition map and the outcome of the conditional processing.
Condition Value
The condition value has a one to one correspondence to the
conditional instruction. Specifically, the condition value is the
value of the conditional instruction minus 0xB0. Therefore,
condition values have a range of 0 to 15. The EEPROM controller
uses condition values in conjunction with the condition map,
whereas the user uses a condition value to populate the
EEPROM load condition bit field of the register map with a
condition ID.
Condition ID
The condition ID is the value stored in Bits[3:0] of
Register 0x2E01. The EEPROM controller uses the condition
ID in conjunction with the condition map to determine which
instructions to execute or ignore during a download sequence.
Condition Map
The condition map is a table maintained by the EEPROM
controller consisting of a list of condition values. When the
EEPROM controller encounters a conditional instruction
during a download sequence, it determines the corresponding
condition value of the instruction (0 to 15). If the condition
value is nonzero, the EEPROM controller places the condition
value in the condition map. Conversely, if the condition value
is zero, the controller clears the condition map and applies
Condition 0 (the absence of conditions). Condition 0 causes all
subsequent instructions to execute unconditionally (until the
controller encounters a new conditional instruction that causes
conditional processing).
Conditional Processing
While executing a download sequence, the EEPROM controller
executes or skips instructions depending on the condition ID
and the contents of the condition map (except for the condi-
tional and end of data instructions, which always execute
unconditionally).
If the condition map is empty or the condition ID is zero, all
instructions execute unconditionally during download.
However, if the condition ID is nonzero and the condition map
contains a condition value matching the condition ID, the
EEPROM controller executes the subsequent instructions.
Alternatively, if the condition ID is nonzero but the condition
map does not contain a condition value matching the condition
ID, the EEPROM controller skips instructions until it encounters
a conditional instruction with a condition value of zero or a
condition value matching the condition ID.
The condition map allows multiple conditions to exist at any
given moment. This multiconditional processing mechanism
enables the user to have one download instruction sequence
with many possible outcomes, depending on the value of the
condition ID and the order in which the controller encounters
conditional instructions. Table 110 shows an example of the use
of conditional processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com