Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 187 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 187 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 183Page - Analog Devices AD9546/PCBZ Datasheet HTML 184Page - Analog Devices AD9546/PCBZ Datasheet HTML 185Page - Analog Devices AD9546/PCBZ Datasheet HTML 186Page - Analog Devices AD9546/PCBZ Datasheet HTML 187Page - Analog Devices AD9546/PCBZ Datasheet HTML 188Page - Analog Devices AD9546/PCBZ Datasheet HTML 189Page - Analog Devices AD9546/PCBZ Datasheet HTML 190Page - Analog Devices AD9546/PCBZ Datasheet HTML 191Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 187 of 205
The preceding procedure is an example of an upload sequence
consisting of two subsequences. Most upload sequences require
more than two subsequences. However, the procedure is the
same. Specifically, partition a long sequence into several
subsequences by using the pause instruction at the end of each
subsequence and the end of data instruction at the end of the
final subsequence.
EEPROM Checksum
When the EEPROM controller encounters an end of data
instruction (see Table 109) during an upload sequence, it
computes a 32-bit cyclic redundancy check (CRC) checksum
and appends it to the stored data in the EEPROM. Similarly,
when the EEPROM controller executes a download sequence, it
computes a checksum on-the-fly. At the end of a download
sequence, the EEPROM controller compares the newly
computed checksum to the one stored in the EEPROM. If the
two checksums do not match, the EEPROM controller asserts
Bit 3 of Register 0x3000.
To minimize the possibility of downloading a corrupted
EEPROM data set, the user can execute a checksum test by
asserting the Bit 2 of Register 0x2E00, which causes the
EEPROM controller to execute a download sequence, but without
transferring data to the AD9546 registers. The controller still
computes an on-the-fly checksum, performs the checksum
comparison, and asserts Bit 3 of Register 0x3000 if the
checksums do not match. Therefore, after the device completes
the download sequence and deasserts Bit 1 of Register 0x3000, the
user can check that Bit 3 of Register 0x3000 = 0 to verify that the
test passed. However, even if the test fails, device operation is
unaffected because there was no transfer of data to the AD9546
registers.
EEPROM Header
The EEPROM controller adds a header to stored data that
carries information related to the AD9546, such as
•
Vendor ID
•
Chip type
•
Product ID
•
Chip revision
At the beginning of an EEPROM download sequence, the
EEPROM controller compares the stored header values to the
values in the corresponding registers of the AD9546. If the
controller detects a mismatch, it asserts Bit 2 of Register 0x3000
and terminates the download.
EEPROM INSTRUCTION SET
The EEPROM controller relies on a combination of
instructions and data. An instruction consists of a single byte
(eight bits). Some instructions require subsequent bytes of
payload data. That is, some instructions are self contained
operations, whereas others are directions on how to process
subsequent payload data. Table 109 shows a summary of the
EEPROM controller instructions.
When the controller downloads the EEPROM contents to the
AD9546 registers, it does so in a linear fashion, stepping
through the instructions stored in the EEPROM. However, when
the controller uploads to the EEPROM, the sequence is a nonlinear
combination of various parts of the register map and computed
data that the controller calculates on the fly.
Table 109. EEPROM Controller Instruction Set Summary
Instruction Code (Hexadecimal)
Response
Comments
0x00 to 0x7F
Register transfer
Requires a 2-byte register address suffix
0x80
IO update
Assert an IO update during download
0x81 to 0x8F
Not applicable
Undefined
0x90
Calibrate all PLLs
Calibrate the system clock PLL, APLL0, and APLL1 during download
0x91
Calibrate the system clock PLL
Calibrate only the system clock PLL during download
0x92
Calibrate APLL0 and APLL1
Calibrate only APLL0 and APLL1 during download
0x93
Calibrate APLL0
Calibrate only APLL0 during download
0x94
Calibrate APLL1
Calibrate only APLL1 during download
0x95 to 0x97
Not applicable
Reserved/unused
0x98
Force freerun
Force DPLL0 and DPLL1 to freerun during download
0x99
Force DPLL0 freerun
Force only DPLL0 to freerun during download
0x9A
Force DPLL1 freerun
Force only DPLL1 to freerun during download
0x9B to 0x9F
Not applicable
Reserved/unused
0xA0
Synchronize outputs
Synchronize all distribution outputs during download
0xA1
Synchronize Channel 0
Synchronize only Channel 0 distribution outputs during download
0xA2
Synchronize Channel 1
Synchronize only Channel 1 distribution outputs during download
0xA3 to 0xAF
Not applicable
Reserved/unused
0xB0
Clear condition
Apply Condition 0 and reset the condition map
0xB1 to 0xBF
Set condition
Apply Condition 1 to Condition 15, respectively
0xC0 to 0xFD
Not applicable
Undefined
0xFE
Pause
Pause the EEPROM upload sequence
0xFF
End of data
Marks the end of the instruction sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com