Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 183 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 183 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 179Page - Analog Devices AD9546/PCBZ Datasheet HTML 180Page - Analog Devices AD9546/PCBZ Datasheet HTML 181Page - Analog Devices AD9546/PCBZ Datasheet HTML 182Page - Analog Devices AD9546/PCBZ Datasheet HTML 183Page - Analog Devices AD9546/PCBZ Datasheet HTML 184Page - Analog Devices AD9546/PCBZ Datasheet HTML 185Page - Analog Devices AD9546/PCBZ Datasheet HTML 186Page - Analog Devices AD9546/PCBZ Datasheet HTML 187Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 183 of 205
INTERRUPT REQUEST (IRQ)
IRQ OVERVIEW
The AD9546 monitors certain internal device events, potentially
allowing them to trigger an IRQ event. Three groups of
registers (see Figure 123) control the IRQ functionality within the
AD9546.
•
IRQ status registers (Register 0x300B through
Register 0x301E)
•
IRQ mask registers (Register 0x010C through
Register 0x011F)
•
IRQ clear registers (Register 0x2006 through Register 0x2019)
The IRQ logic can indicate an IRQ event status result for any
specific device events via the logical OR of the status of all the
IRQ status bits. In addition, the IRQ logic offers IRQ event
status results for select groups of specific IRQ events, namely,
the PLL0 IRQs, PLL1 IRQs, and common IRQs (see Figure 123).
The PLL0 IRQ group includes all device events associated with
DPLL0 and APLL0. The PLL1 IRQ group includes all device
events associated with DPLL1 and APLL1. The common IRQ
group includes events not associated with PLL0 or PLL1 (like
the system clock, EEPROM, reference monitors, and others).
IRQ STATUS BITS
The IRQ status bits maintain a record of specific IRQ events.
The occurrence of a specific device event results in the setting
and latching of the corresponding bit in the IRQ status registers
(assuming the user enables those specific IRQ events (see the
IRQ Mask Bits section)).
IRQ MASK BITS
The IRQ mask bits comprise a bit for bit correspondence with
the IRQ status. Writing a Logic 1 to a mask bit allows
(unmasks) the corresponding specific device event to propagate
to the IRQ status bits. A Logic 0 (default) prevents (masks) the
corresponding specific device event to propagate to the IRQ
status bits.
The presence of the IRQ mask allows the user to select certain
device events for generating an IRQ event, while ignoring
(masking) all other specific device events from contributing to
an IRQ (PLL0 IRQ, PLL1 IRQ, common IRQ, or any IRQ signal in
Figure 123).
The default state of the IRQ mask bits is Logic 0. Therefore, the
device is not capable of generating an IRQ until the user
populates the IRQ mask with a Logic 1 to unmask the desired
IRQ events. Writing a Logic 1 to an IRQ mask bit may result in
immediate indication of an IRQ if the corresponding IRQ event
is already asserted (that is, the device previously registered the
corresponding IRQ event).
IRQ CLEAR BITS
The IRQ clear bits comprise a bit for bit correspondence with
the IRQ status bits. Writing a Logic 1 to an IRQ clear bit forces
the corresponding IRQ event to Logic 0, thereby clearing that
specific IRQ event. The IRQ clear registers are autoclearing.
Therefore, after writing a Logic 1 to any IRQ clear bit in
Register 0x2006 to Register 0x2019, the device automatically
restores the IRQ clear bit to Logic 0. The IRQ remains asserted
until the user clears all of the IRQ clear bits associated with
PLL0 IRQ, PLL1 IRQ, common IRQ, or any IRQ signal shown
in Figure 123).
Although it is not recommended, in certain applications, it
may be desirable to clear an entire IRQ group all at one time.
Register 0x2005 provides four bits for clearing IRQ groups. Bit
0 clears all IRQ clear bits. Bit 1 clears the IRQ clear bits
associated with the common IRQ bits. Bit 2 clears the IRQ clear
bits associated with the PLL0 IRQ bits. Bit 3 clears the IRQ
clear bits associated with the PLL1 IRQ bits.
Alternatively, the user can program any of the multifunction
pins as an input for clearing an IRQ group, which allows
clearing an IRQ group with an external logic signal rather than
by writing to Register 0x2005 (see Figure 123).
The recommendation for clearing IRQ events is to first service
the specific IRQ event (as needed) and then clear the specific
IRQ for the given IRQ event. Clearing IRQ groups via
Register 0x2005 or via an Mx pin requires great care. Clearing
an IRQ group all at one time may result in the unintentional
clearing of one or more asserted IRQ events. Clearing asserted
IRQ events eliminates the record of the associated device
events, subsequently erasing any history of those events having
occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com