Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 182 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 182 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 178Page - Analog Devices AD9546/PCBZ Datasheet HTML 179Page - Analog Devices AD9546/PCBZ Datasheet HTML 180Page - Analog Devices AD9546/PCBZ Datasheet HTML 181Page - Analog Devices AD9546/PCBZ Datasheet HTML 182Page - Analog Devices AD9546/PCBZ Datasheet HTML 183Page - Analog Devices AD9546/PCBZ Datasheet HTML 184Page - Analog Devices AD9546/PCBZ Datasheet HTML 185Page - Analog Devices AD9546/PCBZ Datasheet HTML 186Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 182 of 205
CONTROL FUNCTIONALITY
Configuring an Mx pin for control functionality gives the user
control of specific internal device functions via an external
hardware logic signal. When configured as a control pin, the
modifier bits affect the control functionality per Table 108.
Table 108. Mx Control Pin 2-Bit Modifier Codes
Code
Boolean
Description
00
AND
Logical AND the associated Mx control pin
with the other Mx control pins assigned to
the same control function.
01
NOT AND
Invert the logical state of the associated Mx
control pin and AND it with the other Mx
control pins assigned to the same control
function.
10
OR
Logical OR the associated Mx control pin with
the other Mx control pins assigned to the
same control function.
11
NOT OR
Invert the logical state of the associated Mx
control pin and OR it with the other Mx control
pins assigned to the same control function.
The Boolean functionality of aggregated Mx control pins follows a
hierarchy whereby logical OR operations occur before logical AND
operations. The OR and NOT OR operations are collectively
grouped into a single result. A logical AND is then performed
using that result and the remaining AND and NOT AND
operations.
Consider a case where the M0, M2, M3, and CSB/M6 pins are
configured for control functionality and are assigned to the IO
update control function. That is, Bits[7:0] = 0x01 in
Register 0x0182, Register 0x0184, Register 0x0185, and
Register 0x0188.
In addition, M0 is assigned for AND operation (00), M2 for NOT
OR (11) operation, M3 for NOT AND (01) operation, and M6 for
OR (10) operation (that is, the 2-bit codes according to Table 108
in the appropriate bit positions of Register 0x0100 and
Register 0x0101 per Table 106).
With these settings, the IO update function behaves according to
the following Boolean expression:
((NOT M2) OR M6) AND M0 AND (NOT M3)
In this case, an IO update occurs when M0 is Logic 1 and M3 is
Logic 0, and either M2 is Logic 0 or M6 is Logic 1.
When an Mx control pin acts on a control function individually
(rather than as part of a group, per the previous example), the
Boolean functionality of the codes in Table 108 reduces to two
possibilities. Namely, Code 00 and Code 10 specify a Boolean
true (the Mx pin logic state applies to the corresponding
control function directly), whereas Code 01 and Code 11 specify a
Boolean false (the Mx pin logic state applies to the corresponding
control function with a logical inversion).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com