Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 180 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 180 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 176Page - Analog Devices AD9546/PCBZ Datasheet HTML 177Page - Analog Devices AD9546/PCBZ Datasheet HTML 178Page - Analog Devices AD9546/PCBZ Datasheet HTML 179Page - Analog Devices AD9546/PCBZ Datasheet HTML 180Page - Analog Devices AD9546/PCBZ Datasheet HTML 181Page - Analog Devices AD9546/PCBZ Datasheet HTML 182Page - Analog Devices AD9546/PCBZ Datasheet HTML 183Page - Analog Devices AD9546/PCBZ Datasheet HTML 184Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 180 of 205
STATUS AND CONTROL PINS
STATUS AND CONTROL PINS OVERVIEW
The AD9546 features seven independently configurable digital
CMOS status or control pins (M0 to CSB/M6, hereafter
referred to as Mx). Configuring an Mx pin as a status pin causes
that pin to be an output. Conversely, configuring an Mx pin as a
control pin causes that pin to be an input. During power-up or
reset, the Mx pins temporarily become inputs and only allow the
device to autoconfigure. Figure 122 is a block diagram of the Mx
pin functionality.
CONTROL
FUNCTION
SELECT
STATUS
SOURCE
SELECT
Mx PIN
CONTROL
REGISTERS
I/O UPDATE
I/O
CONTROL
DEVICE
RESET
POWER-UP
AUTOCONFIGURATION
CONTROL
DESTINATIONS
STATUS
SOURCES
Mx PIN FUNCTION LOGIC
Figure 122. Mx Pin Logic
The Mx pin control logic uses special register write detection
logic to prevent the Mx pins from behaving unpredictably when
the Mx pin function changes, especially when changing mode
from input to output or vice versa.
When an Mx pin functions as an output, it continues operating
according to the prior function, even after the user programs
the corresponding registers. However, assertion of an IO update
causes the corresponding pins to switch to the new function
according to the newly programmed register contents.
Changing from one output function to another output function
on an Mx pin does not require special timing to avoid
input/output contention on the pin.
When an Mx pin functions as an input, programming a specific
Mx pin function register causes all the Mx pin control functions
to latch their values. Assertion of an IO update switches to the
newly programmed pin function, at which time normal behavior
resumes. When switching from one input function to another
input function on the same pin, the logic state driven at the
input to the pin can change freely during the interval between
writing the new function to the corresponding register and
asserting an IO update.
When switching the operation of an Mx pin from an input to
an output function, the recommendation is that the external
drive source become high impedance during the interval
between writing the new function and asserting the IO update
bit.
When switching the operation of an Mx pin from an output to
an input, the recommendation is as follows. First, program the
Mx pin input function to no operation and assert the IO update
bit. This configuration avoids input/output contention on the
Mx pin or other undesired behavior because, prior to the
assertion of the IO update bit, the device continues to drive the
Mx pin. Following the assertion of the IO update bit, the device
releases the Mx pin but ignores the logic level on the pin due to
the programmed no operation function. The recommendation is
to avoid using a high impedance source on an Mx pin configured
as an input because doing so may cause excessive internal
current consumption. Second, drive the Mx pin with Logic 0 or
Logic 1 via the desired external source and program the
associated Mx pin register from no operation to the desired
function.
MULTIFUNCTION PINS AT RESET OR POWER-UP
At power-up or in response to a reset operation, the Mx pins
enter a special operating mode. For a brief interval following a
power-up or reset operation, the Mx pins function only as
inputs (the internal drivers enter a high impedance state during
a power-up/reset operation). During this brief interval, the
device latches the logic levels at the Mx inputs and uses this
information to autoconfigure the device accordingly. The Mx
pins remain high-Z until either an EEPROM operation occurs,
in which case M1 or M2 become an I2C master, or the user (or
EEPROM) programs them to be outputs.
If the user does not connect external pull-up or pull-down
resistors to the Mx pins, the M3 and M4 pins have internal pull-
down resistors to ensure a predictable start-up configuration.
In the absence of external resistors, the internal pull-down
resistors ensure that the device starts up with the serial port in
SPI mode and without automatically loading data from an
external EEPROM (see Table 102). Although the M0, M1, M2,
SDO/M5, and CSB/M6 pins are high impedance at startup,
connect external 100 kΩ pull-down or pull-up resistors to these
pins to ensure a deterministic start-up condition.
Table 102 shows the Mx pin start-up conditions. M0, M1, and
M2 do not appear in Table 102 because these pins have no
explicit function during a power-up or reset operation.
Table 102. Mx Pin Function at Startup or Reset
Mx Pin
Start-Up/Reset
Function
Logic 1
Logic 0
M3
EEPROM load
function
Load from
EEPROM
Do not load from
EEPROM
(default)
M4
Serial port
function
I²C mode
SPI mode
(default)
SDO/M5
I2C address
offset
See Table 103
See Table 103
CSB/M6
I2C address
offset
See Table 103
See Table 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com