Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 177 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 177 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 173Page - Analog Devices AD9546/PCBZ Datasheet HTML 174Page - Analog Devices AD9546/PCBZ Datasheet HTML 175Page - Analog Devices AD9546/PCBZ Datasheet HTML 176Page - Analog Devices AD9546/PCBZ Datasheet HTML 177Page - Analog Devices AD9546/PCBZ Datasheet HTML 178Page - Analog Devices AD9546/PCBZ Datasheet HTML 179Page - Analog Devices AD9546/PCBZ Datasheet HTML 180Page - Analog Devices AD9546/PCBZ Datasheet HTML 181Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 177 of 205
Auxiliary DPLL Lock Detector
The auxiliary DPLL has a built in lock detector for indicating
lock status. The lock and unlock thresholds for the lock
detector are fixed and not user programmable.
The auxiliary DPLL lock detector status is available in real time
via status Bit 1 (auxiliary DPLL lock status) of Register 0x3002.
The auxiliary DPLL lock and unlock states are Logic 1 and
Logic 0, respectively.
The auxiliary DPLL lock detector status is also available via the
IRQ mechanism (see the Interrupt Request (IRQ) section) by
means of Bit 0 and Bit 1 of Register 0x300C. Bit 0 and Bit 1
provide latched information regarding state transitions of the
auxiliary DPLL lock status bit. Bit 0 latches to Logic 1 when the
auxiliary DPLL lock status bit transitions from Logic 0 to Logic
1, whereas Bit 1 latches to Logic 1 when the auxiliary DPLL lock
status bit transitions from Logic 1 to Logic 0.
Because Bit 0 and Bit 1 represent the latched state transitions of
the auxiliary DPLL lock status bit, they may represent a
condition that is no longer true. Therefore, the user must clear
Bit 0 and Bit 1 via Bit 0 and Bit 1, respectively, of Register
0x2007. Otherwise, the user may lose indication of subsequent
state changes of the auxiliary DPLL lock status bit.
Auxiliary DPLL Holdover
Under normal conditions, the auxiliary DPLL continuously
updates CF3 computations with each rising edge event to the
TDC associated with the stable reference. Under certain
conditions, however, the auxiliary DPLL can enter a holdover
state. For example,
The user programs auxiliary DPLL bandwidth = 0
The reference monitor indicates a fault
While in the holdover state, the auxiliary DPLL is effectively in
an open-loop condition (that is, the NCO output is static). As
such, the auxiliary DPLL holds the CF3 value that existed just
prior to entering the holdover state. Therefore, it is not possible
to ascertain further stability information until the loop resumes
normal operation. When the condition that forced holdover no
longer exists, however, the auxiliary DPLL returns to closed-
loop operation and resumes updating CF3 (that is, when the
lock detector indicates a lock condition).
INTEGRATED COMPENSATION SUBSYSTEM
The three compensation methods comprise the integrated
compensation subsystem of the AD9546. The compensation
subsystem allows the user to employ any combination of the
three compensation methods to any of the NCOs and TDCs
within the AD9546 (barring a few exceptions per the
Compensation Assignment Guidelines section). Figure 120
shows a simplified block diagram of the compensation
subsystem.
In Figure 120, note the implied feedback path between
DPLL0/DPLL1 and Compensation Method 2 and between the
auxiliary DPLL and Compensation Method 3. The reason for
the implied feedback is that the indicated compensation
destination (the auxiliary DPLL, for example) can receive
compensation from any of the compensation sources via the
combiner and distributor. Thus, the compensation destination
can potentially apply self compensation, which leads to an
undesired positive feedback loop. The user must avoid such
loops (see the Compensation Assignment Guidelines section).
For digitized clocking applications (see the Digitized Clocking
section), the common clock DPLL replaces the auxiliary DPLL.
Thus, in a digitized clocking application, CF3 originates from
the common clock DPLL. The implication is that, when
applying system clock compensation in a digitized clocking
application, the burden of stability falls on the common clock
reference to the common clock DPLL.
COMPENSATION
METHOD 3
COMPENSATION
METHOD 2
COMPENSATION
METHOD 1
SLEW
RATE
LIMITER
CF3
CF2
CF1
COMP0
COMP7
COMP6
COMP5
COMP4
COMP3
COMP2
COMP1
DISTRIBUTOR
COMPENSATION
DESTINATIONS
COMPENSATION
METHODS
COMBINER
REFx TDCS AND
AUXILIARY TDCS
AUXILIARY DPLL
AUXILIARY NCO 0/NCO 1
DPLL0/DPLL1
Figure 120. Integrated Compensation Subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com