Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 175 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 175 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 171Page - Analog Devices AD9546/PCBZ Datasheet HTML 172Page - Analog Devices AD9546/PCBZ Datasheet HTML 173Page - Analog Devices AD9546/PCBZ Datasheet HTML 174Page - Analog Devices AD9546/PCBZ Datasheet HTML 175Page - Analog Devices AD9546/PCBZ Datasheet HTML 176Page - Analog Devices AD9546/PCBZ Datasheet HTML 177Page - Analog Devices AD9546/PCBZ Datasheet HTML 178Page - Analog Devices AD9546/PCBZ Datasheet HTML 179Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 175 of 205
COMPENSATION METHOD 3
Compensation Method 3 is unavailable in digitized clocking
applications (see the Common Clock DPLL section).
Compensation Method 3 employs the closed-loop method of
system clock compensation (see the Closed-Loop Method
section). As shown in Figure 119, Compensation Method 3
produces correction factor CF3, where CF3 embodies the factor,
1 + FFECOMP, in Figure 115. Compensation Method 3 and
Compensation Method 2 are similar, but Compensation
Method 3 uses the auxiliary DPLL rather than one of the DPLL
channels. Because Compensation Method 3 relies on the
availability of a stable external clock source applied to one of
the REFx inputs or one of the auxiliary REFx inputs (via an Mx
pin), the user must assign the TDC associated with the external
clock source to the auxiliary DPLL via Bits[4:0] of
Register 0x0284. Table 99 shows the assignment codes for the
various TDCs.
Table 99. Auxiliary DPLL TDC Assignment Codes
Bits[4:0] (Decimal)
TDC Description
0
REFA TDC (default)
1
REFAA TDC
2
REFB TDC
3
REFB TDC
4 to 5
Unused
6
Auxiliary REF0 TDC
7
Auxiliary REF1 TDC
8 to 10
Unused
11
Auxiliary REF2 TDC
12
Auxiliary REF3 TDC
13 to 15
Unused
The auxiliary DPLL can itself receive compensation from other
sources via COMPx in Figure 119 (see the Integrated
Compensation Subsystem section for details). Unlike
Compensation Method 2, the CF3 compensation factor does
not include the contribution of COMPx. That is, CF3 comprises
only the residual error to represent the frequency deviation
associated with the system clock source only.
Assuming the auxiliary DPLL is locked and has fully settled, the
period of the stable reference must exactly match the
programmed reference period stored in the register associated
with the selected reference (see Figure 119). Any deviation is an
indication of error associated with the system clock period and
leads to a corresponding CF3 value. There are two error
sources: stability error and accuracy error.
Stability error involves deviation from the mean value over
time (the mean corresponding to a specific operating condition
like 25°C, for example). As temperature varies over time, the
frequency of the oscillator serving as the source for the system
clock varies in response to the temperature changes. Given the
prerequisite that the stable reference is significantly more stable
than the system clock source, the dominant variations
appearing in the feedback path are those of the system clock.
Because the system clock variations are the dominant
contributor to CF3, CF3 reflects the corrections necessary to
compensate for the temperature induced stability errors on the
system clock.
Accuracy error is the difference between the defined nominal
frequency and the actual frequency. The defined nominal
frequency derives from programmed reference period stored in
the register associated with the selected reference. The actual
frequency is fREF, the true frequency of the stable reference (see
Figure 119). The accuracy error is the difference between the
programmed reference period and the actual nominal period of
the stable reference (1/fREF).
Because CF3 is a composite of both the stability and accuracy
error sources, the programmed reference period directly affects
the accuracy error component of CF3. Thus, accurate entry of
the stable reference clock period is crucial, because the accuracy
error propagates to any COMPx involving CF3 (see the
Integrated Compensation Subsystem section).
Auxiliary DPLL Loop Bandwidth
The user controls the loop bandwidth of the auxiliary DPLL
servo loop (BWCOMP) via Bits[15:0] (unsigned) in
Register 0x0285 to Register 0x0286. Note that BWCOMP is 0.1 Hz
scaled by the 16-bit decimal value of Bits[15:0].
For example, given a desired value of BWCOMP = 247.63 Hz,
determine the appropriate value of Bits[15:0] as follows:
Bits[15:0] = BWCOMP/0.1
= 247.63/0.1 Hz
= 2476 (nearest integer)
= 0x 09AC (hexadecimal)
The programmed bandwidth affects how long it takes the
auxiliary DPLL to lock to the stable reference: a lower
bandwidth means it takes the auxiliary DPLL longer to lock.
The programmed bandwidth also affects the ability of the
auxiliary DPLL to track variations in the frequency (fS) of the
system clock. Specifically, a relatively stable, slowly varying
system clock frequency allows the use of a low loop bandwidth,
whereas a system clock exhibiting more rapid frequency
variations requires a wider loop bandwidth. For example, using
an OCXO as the system clock reference allows the use of a
0.1 Hz loop bandwidth, whereas a standard crystal oscillator
necessitates a loop bandwidth in excess of 50 Hz.
Auxiliary DPLL Reference Monitor Status
The auxiliary DPLL has a dedicated reference monitor to
provide indication that the reference period is within limits.
The reference monitor relies on the defined reference period
(user input via the appropriate registers).
The auxiliary DPLL reference monitor status is available in real
time via Bit 2 (auxiliary DPLL reference status) of
Register 0x3002. The auxiliary DPLL reference fault and unfault
states are Logic 1 and Logic 0, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com