Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 172 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 172 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 168Page - Analog Devices AD9546/PCBZ Datasheet HTML 169Page - Analog Devices AD9546/PCBZ Datasheet HTML 170Page - Analog Devices AD9546/PCBZ Datasheet HTML 171Page - Analog Devices AD9546/PCBZ Datasheet HTML 172Page - Analog Devices AD9546/PCBZ Datasheet HTML 173Page - Analog Devices AD9546/PCBZ Datasheet HTML 174Page - Analog Devices AD9546/PCBZ Datasheet HTML 175Page - Analog Devices AD9546/PCBZ Datasheet HTML 176Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 172 of 205
Figure 117 shows the FPE vs. temperature curve resulting from
these coefficients. The trace is the predicted FPE vs.
temperature curve based on the coefficients, and the solid
points are the temperature vs. FPE data from Table 96.
1400
1300
1200
1100
1000
900
800
700
600
–50 –40 –30 –20 –10
0
10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
Figure 117. FPE vs. Temperature
Given a set of coefficients like C0 to C5, the user must convert
the numeric values to suitable register contents (see the
Programming the Coefficients (Cx) for Compensation Method 1
section for details).
Programming the Coefficients (Cx) for Compensation
Method 1
Compensation Method 1 makes use of six coefficients, Cx,
where the index, x, ranges from 0 to 5. Coefficient C0 is
represented by a 40-bit (signed) coefficient value (CV) residing
in Register 0x0289 to Register 0x028D.
The relationship between the value of CV and the value of C0 is
CV = C0/2−45
The value of CV has no units and is proportional to the system
clock period.
For example, convert C0 = 1.0046936 × 10−3 to its
corresponding register value (C0_RegVal).
C0_RegVal = C0/2−45
= 1.0046936 × 10−3/2−45
= 35,349,513,305 (nearest integer)
= 0x 08 3AFE C459 (hexadecimal)
Coefficient C1 to Coefficient C5 are represented by employing
two components: a 16-bit (signed) significand and an 8-bit
(signed) exponent. The significand and exponent components
reside in the register map per Table 97.
Table 97. System Clock Compensation Coefficients
Register Address
Coefficient
Significand
Exponent
C1
0x028E to 0x028F
0x0290
C2
0x0291 to 0x0292
0x0293
C3
0x0294 to 0x0295
0x0296
C4
0x0297 to 0x0298
0x0299
C5
0x029A to 0x029B
0x029C
C1 through C5 apply scale factors to corresponding powers
of T. The C1 through C5 coefficients have the following format:
Cx = Sx × 2Ex
where:
x is the coefficient index.
Sx is the significand component.
Ex is the exponent component.
In practice, Cx is a base 10 number, as are Sx and Ex. However,
the AD9546 requires Sx and Ex to be signed integers. The
following procedure explains how to convert base 10 Cx values
to the necessary signed integers corresponding to the
significand register value (Cx_S) and the exponent register value
(Cx_E).
There are three cases for Cx.
•
The trivial case (Cx = 0)
•
The case where Cx is less than the quantization limit
•
The case where Cx is greater than the quantization limit
For the first two cases (that is, Cx = 0 or Cx is less than the
quantization limit),
Cx_S = 0 (0x0000 hexadecimal)
Cx_E = 0 (0x00 hexadecimal)
To test if Cx is less than the quantization limit, check whether
the following inequality is true:
log |
| 1 127
log2
x
C

+ < −


(26)
where:
log(x) is the logarithm of x (for example, ln(x), log2(x), log10(x)).
|x| is the absolute value of x.
⌊x⌋isthenotationforsignifyingthenearestintegertoxinthe
direction of −∞.
If Cx is nonzero and the inequality in Equation 26 is false, then
log |
|
1
log 2
x
C
E

=
+


Cx_E = E
Cx_S = round(Cx × 215 − E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com