Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 168 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 168 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 164Page - Analog Devices AD9546/PCBZ Datasheet HTML 165Page - Analog Devices AD9546/PCBZ Datasheet HTML 166Page - Analog Devices AD9546/PCBZ Datasheet HTML 167Page - Analog Devices AD9546/PCBZ Datasheet HTML 168Page - Analog Devices AD9546/PCBZ Datasheet HTML 169Page - Analog Devices AD9546/PCBZ Datasheet HTML 170Page - Analog Devices AD9546/PCBZ Datasheet HTML 171Page - Analog Devices AD9546/PCBZ Datasheet HTML 172Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 168 of 205
Temperature Alarm Feature
The temperature sensor routes to a threshold detector. The
threshold detector detects when temperature readings are
outside the range specified by a high temperature threshold and
a low temperature threshold. The high temperature threshold
resides in Bits[15:0] of Register 0x2905 to Register 0x2906. The
low temperature threshold resides in Bits[15:0] of Register
0x2903 to Register 0x2904. The high and low temperature
thresholds use the temperature format shown in Figure 113.
If the output value of the temperature sensor falls outside the
specified limits, status Bit 0 of Register 0x3002 assumes a Logic
1 state (otherwise, it is Logic 0). Status Bit 0 allows the user to
check the status of the threshold detector in real time.
Status Bit 0 of Register 0x3002 is the source for Status Bit 4 of
Register 0x300C. Status Bit 4 allows the user to set up automatic
notification of a temperature threshold detection event via the
IRQ mechanism (see the Interrupt Request (IRQ) section).
EXTERNAL TEMPERATURE SOURCE
The external temperature source constitutes a temperature
value programmed into Bits[15:0] of Register 0x2900 to
Register 0x2901. Although the internal temperature sensor
properly scales temperature values for use by the internal
temperature compensation functional blocks automatically, the
user must scale the external temperature values properly.
The external temperature bit field represents temperature in
units of °C × 2−7 (see Figure 113). This format yields a
temperature range of ±256°C with 0.0078°C resolution.
For example, to program an external temperature value of
95°C,
External Temperature = 95/2−7
= 12,160
= 0x2F80 (hexadecimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com