Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 164 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 164 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 160Page - Analog Devices AD9546/PCBZ Datasheet HTML 161Page - Analog Devices AD9546/PCBZ Datasheet HTML 162Page - Analog Devices AD9546/PCBZ Datasheet HTML 163Page - Analog Devices AD9546/PCBZ Datasheet HTML 164Page - Analog Devices AD9546/PCBZ Datasheet HTML 165Page - Analog Devices AD9546/PCBZ Datasheet HTML 166Page - Analog Devices AD9546/PCBZ Datasheet HTML 167Page - Analog Devices AD9546/PCBZ Datasheet HTML 168Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 164 of 205
Next, convert −15.5° to fractional UI.
Fractional UI = −15.5°/360°
= −0.0430555556 (to 10 decimal places)
Because Bits[39:0], the phase offset bits, constitute a signed, twos
complement 40-bit number spanning 1 UI, calculate the value
of Bits[39:0] as follows:
Bits[39:0] = −0.0430555556 × 240
= −47,340,083,974 (nearest integer)
= 0x F4 FA4F A4FA (40-bit hexadecimal)
AUXILIARY NCO PHASE SLEW LIMIT
When the user requests the application of a phase offset on one
of the auxiliary NCOs, the AD9546 does not necessarily apply
the full phase offset all at once. Instead, Bits[31:0] (unsigned) of
Register 0x2810 to Register 0x2813 (for auxiliary NCO 0) and
Register 0x2850 to Register 0x2853 (for auxiliary NCO 1)
control whether the phase offset is immediate or slew limited.
When the phase slew limit bits, Bits[31:0], have a decimal value
of zero, phase offset is immediate. That is, the auxiliary NCO
applies the specified phase offset value all at once. However,
when Bits[31:0] are nonzero, phase offset is slew limited. That
is, the auxiliary NCO gradually introduces phase changes by
regulating the rate at which the phase changes occur to prevent
exceeding the limit imposed by the value of Bits[31:0]. The
auxiliary NCO keeps track of the total phase change and
terminates the phase slew limiting process when the total phase
change satisfies the value established by the auxiliary NCO
phase offset parameters (see the Auxiliary NCO Phase Offset
section).
Bits[31:0] carry units of 2−36 UI/UI, where UI is the unit interval
of the associated auxiliary NCO (1 UI is the reciprocal of the
programmed frequency of the auxiliary NCO). That is, the user
specifies the maximum rate of change of phase as fractions of a
cycle per cycle. Note the user must program Bits[31:0] prior to
invoking a phase offset.
For example, assume the programmed frequency of the
auxiliary NCO is 60 Hz (therefore, 1 UI = 1/60 sec) and the
desired limit for the rate of change of phase is 1 μs/sec
(10−6 sec/sec). Note that sec/sec and UI/UI are fundamentally
equivalent. Therefore, 10−6 sec/sec is 10−6 UI/UI. Because
Bits[31:0] are in units of 2−36 UI/UI, the required value for
Bits[31:0] is 10−6/2−36 = 68,719 (rounded to the nearest integer)
or 0x 0001 0C6F hexadecimal. Assuming the user programs
Bits[31:0] to 68,719 (decimal), when the user invokes the phase
offset specified by the auxiliary NCO phase offset parameters
(see the Auxiliary NCO Phase Offset section), the AD9546
automatically ensures that the rate of change of phase does not
exceed the specified value of 1 μs per second.
When Bits[31:0] are nonzero and while the auxiliary NCO is in
the process of limiting the phase slew rate, the device sets a
status bit in Register 0x3002: Bit 4 for auxiliary NCO 0 or Bit 6
for auxiliary NCO 1.
ELAPSED TIME ADJUSTMENT
As shown in Figure 111, the user can read the auxiliary NCO
time scale via Bits[79:0] of Register 0x3A00 to Register 0x3A09
(for auxiliary NCO 0) and Register 0x3A0A to Register 0x3A13
(for auxiliary NCO 1). The format of the time scale is a 40-bit
integer part (most significant bits) and a 40-bit fractional part
(least significant bits). The integer part keeps track of elapsed
periods of the auxiliary NCO. The fractional part effectively
represents the phase of the accumulator within the current
cycle period.
The contents of the time scale registers indicate the elapsed
time up to the moment of the most recent IO update.
The user has the option of adjusting the 40-bit integer portion
of the time scale register based on Bits[39:0] of Register 0x2819
to Register 0x281D (for auxiliary NCO 0) and Register 0x2859
to Register 0x285D (for auxiliary NCO 1). The specific
functionality of the adjustment depends on the value of Bit 1 of
Register 0x280F (for auxiliary NCO 0) and Register 0x284F (for
auxiliary NCO 1), as explained in the Direct Elapsed Time
Adjustment section and the Incremental Elapsed Time
Adjustment section.
An application benefiting from elapsed time adjustment is time
of day indication, where the user adjusts the integer part of the
time scale register to match UTC time. Such an application
assumes programming the auxiliary NCO to 1 Hz, which
equates to a period of 1 sec.
Direct Elapsed Time Adjustment
Direct elapsed time adjustment is in effect when Bit 1 = 0 of
Register 0x280F (for auxiliary NCO 0) and Register 0x284F (for
auxiliary NCO 1). For direct elapsed time adjustments, Bits[39:0]
constitute an unsigned integer that directly replaces the
corresponding 40-bit integer portion of the auxiliary NCO time
scale register.
Incremental Elapsed Time Adjustment
Incremental elapsed time adjustment is in effect when Bit 1 = 1
of Register 0x280F (for auxiliary NCO 0) and Register 0x284F
(for auxiliary NCO 1). For incremental elapsed time adjustments,
the elapsed time adjustment bits (Bits[39:0] in Register 0x281D to
Register 0x2819 for auxiliary NCO 0 and Register 0x285D to
Register 0x2859 for auxiliary NCO 1), constitute a signed, twos
complement integer that increments or decrements the 40-bit
integer portion of the auxiliary NCO time scale register relative
to its current value.
AUXILIARY NCO TIME STAMPS
The auxiliary NCO generates internal time stamps marking the
rollover of its phase accumulator. Because the accumulator
updates with a quantized period of 1/fACCUM, the accumulator
rarely rolls over to exactly zero (that is, most of the time, the
accumulator rolls over with a remainder). Therefore, the
auxiliary NCO performs the appropriate interpolation to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com