Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 162 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 162 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 158Page - Analog Devices AD9546/PCBZ Datasheet HTML 159Page - Analog Devices AD9546/PCBZ Datasheet HTML 160Page - Analog Devices AD9546/PCBZ Datasheet HTML 161Page - Analog Devices AD9546/PCBZ Datasheet HTML 162Page - Analog Devices AD9546/PCBZ Datasheet HTML 163Page - Analog Devices AD9546/PCBZ Datasheet HTML 164Page - Analog Devices AD9546/PCBZ Datasheet HTML 165Page - Analog Devices AD9546/PCBZ Datasheet HTML 166Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 162 of 205
AUXILIARY NCOS
AUXILIARY NCO OVERVIEW
The AD9546 has two auxiliary NCOs as shown in Figure 111. The
NCOs generate time stamps and/or physical output signals based
on a very precise programmable frequency specified by the user.
The auxiliary NCOs also provide a time scale to the UTSPs (see the
User Time Stamp Processor (UTSP) section). The NCOs have
frequency tuning resolution of 2−40 Hz, or approximately 1 pHz.
AUXILIARY NCO FREQUENCY
The user programs the output frequency of the auxiliary NCOs
(fAUX) by assigning a center frequency and an offset frequency.
By default, the offset frequency value is zero, which means the
default output frequency is the center frequency. Figure 110
details the relationship between the center frequency (56 bits) and
offset frequency (32 bits) register values.
The auxiliary NCO is effectively a direct digital synthesizer (DDS)
with a phase accumulator. The DDS accumulates a given phase
value, θ, at a prescribed rate, fACCUM.
fACCUM = fS/96
where fS is the system clock frequency (see the System Clock PLL
section). The auxiliary NCO calculates θ such that the
accumulator rolls over with a period of precisely 1/fAUX.
Auxiliary NCO Center Frequency
Center frequency assignment is via Bits[55:0] (unsigned) of
Register 0x2800 to Register 0x2806 (for auxiliary NCO 0) and
Register 0x2840 to Register 0x2846 (for auxiliary NCO 1).
Bits[55:0] carry units of 2−40 Hz. Thus, the center frequency
value of Bits[55:0] relates to the center frequency, fCENTER, as
fCENTER = Center Frequency Value × 2−40
For example, given a desired center frequency of 10 kHz, find the
required 56-bit register value.
Center Frequency Value = fCENTER × 240
= 104 × 240
= 10,995,116,277,760,000
= 0x 27 1000 0000 0000 (hexadecimal)
The center frequency upper limit is 65,536 Hz (256 × 2−40 Hz).
CENTER
0
55
40
39
OFFSET
0
31
24
23
2–24 Hz
2–40 Hz
...
...
...
...
FRACTIONAL Hz
INTEGER Hz
OUTPUT = CENTER + OFFSET
56-BIT CENTER FREQUENCY
32-BIT OFFSET FREQUENCY
DECIMAL
POINT
Figure 110. Auxiliary NCO Frequency Tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com